Electronic Components Datasheet Search
  English  ▼

X  

RMV10 Datasheet(PDF) 4 Page - RFE international

Part # RMV10
Description  SURFACE MOUNT RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMV10 Datasheet(HTML) 4 Page - RFE international

  RMV10 Datasheet HTML 1Page - RFE international RMV10 Datasheet HTML 2Page - RFE international RMV10 Datasheet HTML 3Page - RFE international RMV10 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE & DIMENSION (mm)
Page 4 of 4
TAPING SPECIFICATION
Paper Type
(P= 2.0 ± 0.1)
Embossed Type
(P= 4.0 ± 0.1)
(2W.P= 8.0 ± 0.2)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SURFACE MOUNT RESISTOR
RoHS
RMV Series: Anti-Surge SMD Resistor 1 ~ 1MΩ
Size
A
ΦB
ΦC
ΦD
W
ΦM
RMV06 (0603)
7”
5K/reel
2.0±0.5
13.5±1.0
21±1.0
60±1.0
11.5±2.0
178±2.0
RMV10 (0805)
10” 10K/reel
2.0±0.5
13.5±1.0
21±1.0
100±1.0
11.5±2.0
254±2.0
RMV12 (1206)
13” 20K/reel
2.0±0.5
13.5±1.0
21±1.0
100±1.0
11.5±2.0
330±2.0
RMV25 (1210)
7”
5K/reel
2.0±0.5
13.5±1.0
21±1.0
60±1.0
11.5±2.0
178±2.0
RMV1W (2010)
RMV2W (2512)
21±1.0
60±1.0
16.0±2.0
178±2.0
Package Qty
7”
4K/reel
2.0±0.5
13.5±1.0
Size
A
B
W
E
F
G
H
T
ØD
RMV06(0603)
1.05±0.20 1.80±0.20 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.60±0.10 1.50±0.10
RMV10(0805)
1.55±0.20 2.30±0.20 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.75±0.10 1.50±0.10
RMV12(1206)
1.90±0.20 3.50±0.20 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.75±0.10 1.50±0.10
RMV25(1210)
2.85±0.20 3.50±0.20 8.0±0.20 1.75±0.10 3.5±0.05 4.0±0.10 2.0±0.05 0.75±0.10 1.50±0.10
Size
A
B
W
E
F
G
H
T
ØD
ØD1
T1
RMV1W (2010) 2.80±0.20 5.60±0.20 12±0.10 1.75±0.10 5.5±0.05 4.0±0.10 2.0±0.05 0.23±0.10 1.50±0.10 1.50±0.10 0.85±0.15
RMV2W (2512) 3.30±0.20 4.60±0.20 12±0.10 1.75±0.10 5.5±0.05 4.0±0.10 2.0±0.05 0.23±0.10 1.50±0.10 1.50±0.10 0.85±0.15
C2SM01
2017.12.21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com