Electronic Components Datasheet Search
  English  ▼

X  

SA555D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA555D
Description  Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA555D Datasheet(HTML) 1 Page - NXP Semiconductors

  SA555D Datasheet HTML 1Page - NXP Semiconductors SA555D Datasheet HTML 2Page - NXP Semiconductors SA555D Datasheet HTML 3Page - NXP Semiconductors SA555D Datasheet HTML 4Page - NXP Semiconductors SA555D Datasheet HTML 5Page - NXP Semiconductors SA555D Datasheet HTML 6Page - NXP Semiconductors SA555D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE555/SE555C
Timer
346
August 31, 1994
853-0036 13721
DESCRIPTION
The 555 monolithic timing circuit is a highly stable controller capable
of producing accurate time delays, or oscillation. In the time delay
mode of operation, the time is precisely controlled by one external
resistor and capacitor. For a stable operation as an oscillator, the
free running frequency and the duty cycle are both accurately
controlled with two external resistors and one capacitor. The circuit
may be triggered and reset on falling waveforms, and the output
structure can source or sink up to 200mA.
FEATURES
• Turn-off time less than 2µs
• Max. operating frequency greater than 500kHz
• Timing from microseconds to hours
• Operates in both astable and monostable modes
• High output current
• Adjustable duty cycle
• TTL compatible
• Temperature stability of 0.005% per °C
APPLICATIONS
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
14
13
12
11
10
9
GND
TRIGGER
OUTPUT
RESET
GND
NC
TRIGGER
OUTPUT
NC
RESET
NC
DISCHARGE
THRESHOLD
CONTROL VOLTAGE
NC
DISCHARGE
NC
THRESHOLD
NC
CONTROL VOLTAGE
VCC
VCC
D, N, FE Packages
TOP VIEW
F Package
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
NE555D
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE555N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA555N
0404B
8-Pin Plastic Small Outline (SO) Package
-40
°C to +85°C
SA555D
0174C
8-Pin Hermetic Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE555CFE
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE555CN
0404B
14-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE555N
0405B
8-Pin Hermetic Cerdip
-55
°C to +125°C
SE555FE
14-Pin Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
NE555F
0581B
14-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE555F
0581B
14-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE555CF
0581B


Similar Part No. - SA555D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SA555D FAIRCHILD-SA555D Datasheet
150Kb / 14P
Single Timer
logo
NEC
SA555D NEC-SA555D Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
SA555D TI-SA555D Datasheet
405Kb / 24P
PRECISION TIMERS
SA555D TI-SA555D Datasheet
227Kb / 15P
PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
SA555D TI-SA555D Datasheet
559Kb / 27P
PRECISION TIMERS
More results

Similar Description - SA555D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com