Electronic Components Datasheet Search
  English  ▼

X  

NE567 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NE567
Description  Tone decoder/phase-locked loop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NE567 Datasheet HTML 5Page - NXP Semiconductors NE567 Datasheet HTML 6Page - NXP Semiconductors NE567 Datasheet HTML 7Page - NXP Semiconductors NE567 Datasheet HTML 8Page - NXP Semiconductors NE567 Datasheet HTML 9Page - NXP Semiconductors NE567 Datasheet HTML 10Page - NXP Semiconductors NE567 Datasheet HTML 11Page - NXP Semiconductors NE567 Datasheet HTML 12Page - NXP Semiconductors NE567 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
414
TYPICAL APPLICATIONS (Continued)
NOTES:
R2 = R1/5
Adjust R1 so that φ = 90° with control midway.
NOTES:
1. Resistor and capacitor values chosen for desired frequencies and bandwidth.
2. If C3 is made large so as to delay turn-on of the top 567, decoding of sequential (f1 f2) tones is possible.
Dual-Tone Decoder
24% Bandwidth Tone Decoder
Precision VLF
Carrier-Current Remote Control or Intercom
0
° to 180° Phase Shifter
AUDIO OUT
(IF INPUT IS
FREQUENCY
MODULATED)
LOAD
+5 TO 15V
567
3
5
6
2
1
8
60Hz AC LINE
500pF
50–200VRMS
fO ≈ 100kHz
C2
C3
C1
0.004mfd
.006
.02
K1
C4
27pF
1:1
R1
2.5k
Ω
567
5
6
5741
–
+
+
C1
R1
INPUT
CHANNEL
OR RECEIVER
567
3
5
6
2
1
8
567
3
5
6
2
1
8
C1
C2
C3
C’1
C’2
C’3
R1
R’1
NOR
20k
20k
+V
+V
VO
f1
f2
OUTPUT
(INTO 1k
OHM MIN.
LOAD)
567
3
5
6
2
R1
f2
C1
C2
100mv (pp)
SQUARE OR
50mVRMS
SINE INPUT
+90
°
PHASE
SHIFT
567
3
5
6
2
1
8
567
3
5
6
2
1
8
INPUT SIGNAL
(>100mVrms)
+V
RL
R1
R’1
C’1
C’2
C1
C2
C3
C
2 +
C
2 +
130
f
O
(mfd)
C
1 +
C
1
R
1 +
1.12R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com