Electronic Components Datasheet Search
  English  ▼

X  

775 Datasheet(PDF) 1 Page - Mimix Broadband

Part # 775
Description  Units operate over the full 5.9-6.4 GHz frequency range
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

775 Datasheet(HTML) 1 Page - Mimix Broadband

  775 Datasheet HTML 1Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GTE Lenkurt 775 6 GHz TWTA
SSPA Replacement Kits
Features:
Units operate over the full 5.9-6.4 GHz frequency range
5 and 10 Watt output power levels are available
Simple and easy Installation Instructions are included
Standard 5-Year Warranty
1006507 - 5W
1005484 - 10W
Units
Min
Typ
Max
GHz
5.9
-
6.4
dB
-
-14.0
-9.5
ohms
-
50
-
dB
45.0
50.0
-
dB
-
+/-0.5
+/-1.0
dB
-
8.0
10.0
dBm
-
-12.0
+5.0
dBm
+37.0
+38.0
-
-
-
-
dBc
-
-
70.0
dBc
-
-
60.0
o
-20
C
-
+70
0.0
%
-
95
0.0
ft
-
16,000
0.0
ft
-
60,000
-21.0
V
-
-56.0
-
A
4.5
5.0
Min
Typ
Max
5.9
-
6.4
-
-14.0
-9.5
-
50
-
45.0
50.0
-
-
+/-0.5
+/-1.0
-
8.0
10.0
-
-12.0
+5.0
+40.0
+41.0
-
-
-
-
-
-
70.0
-
-
60.0
-20
-
+70
0.0
-
95
0.0
-
16,000
0.0
-
60,000
-21.0
-
-56.0
-
6.5
7.0
Parameter
Frequency Range
Input Return Loss
Input/Output Impedance
Gain
Gain Flatness
Noise Figure
Input Power
Output Power (P1dB)
Spurious
Harmonics
Base Operating T emperature
Humidity (Non-Condensing)
Altitude (Operating)
Altitude (Storage)
DC Power
DC Current @ +12 Volts
o
Electrical Characteristics (T=25 C)
Mimix Broadband’s SMaRTPAK (Standard Microwave Radio TWT replacement Power Amplifier Kit) amplifiers are
uniquely designed to combine the DC/DC Converter, microwave amplifier and cooling devices into one single
integrated unit. Each unit has been designed using modern device technology and includes reverse polarity,
overvoltage and excess thermal protection. Unlike TWT's and other TWT replacement options, SMaRTPAKs do not
require a separate, bulky and often unreliable power supply.
All units are designed to directly drop-in place of existing TWT or SSPA units with no modifications saving
significant time and effort. Using the proper equipment, unit installations and alignment can typically be done
almost effortlessly in less than an hour. It is recommended that all first time users have a Mimix Broadband
representative present during initial installation. Ask us about our onsite installation and alignment options.
Mimix is confident that you will be pleased with our product and each unit comes with a standard five-year
warranty. If you do not see a part number that covers your desired frequency, power or radio type, feel free to
contact us and we will gladly review your requirements.
Description:
All units accept -21 to -56 VDC input voltage range
Specifications are subject to change without notice. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing
these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. Revision-02-May-02
Mimix Broadband, Inc. 10795 Rockley Rd. Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com


Similar Part No. - 775

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
775 ETC2-775 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Adafruit Industries
775 ADAFRUIT-775 Datasheet
183Kb / 2P
Miniature Slip Ring - 12mm diameter, 6 wires, max 240V @ 2A
7/16/2015
logo
Keystone Electronics Co...
775 KEYSTONE-775 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Finisar Corporation.
775-1237-ND FINISAR-775-1237-ND Datasheet
344Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
ITT Industries
775001000 ITT-775001000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results

Similar Description - 775

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Mimix Broadband
MW109E MIMIX-MW109E Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A Datasheet
183Kb / 1P
Units operate over the full 10.7-11.7 GHz frequency range
MDR-2X06 MIMIX-MDR-2X06 Datasheet
179Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A_1 Datasheet
171Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
MDR-4X05 MIMIX-MDR-4X05 Datasheet
179Kb / 1P
Units operate over the full 4.4-5.0 GHz frequency range
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
Units operate over the full 3.7-4.2 GHz frequency range
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
logo
Transcom, Inc.
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
logo
Excelics Semiconductor,...
EIM5964-4 EXCELICS-EIM5964-4 Datasheet
104Kb / 3P
5.9 - 6.4 GHz Multi-Stage Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com