Electronic Components Datasheet Search
  English  ▼

X  

1MS104 Datasheet(PDF) 2 Page - Marathon Special Products

Part # 1MS104
Description  600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

1MS104 Datasheet(HTML) 2 Page - Marathon Special Products

  1MS104 Datasheet HTML 1Page - Marathon Special Products 1MS104 Datasheet HTML 2Page - Marathon Special Products 1MS104 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0375 REV-D 3/3/2020
Product Data Sheet
Wire Size
Torque
Copper Wire Stranding Classes - Number of
Strands
N-m
Ln.lbs
Solid
Class B
Class C
500 kcmil
42.4
375
-
1
1
400
42.4
375
-
1
1
350
42.4
375
-
1
1
300
42.2
375
-
1
1
250
42.2
375
-
1
1
4/0
42.2
375
-
1
1
3/0
42.2
375
-
1
1
2/0
42.2
375
-
1
1
1/0
42.2
375
-
1
1
1
42.2
375
-
1
1
2
42.4
375
-
1
1
4
42.4
375
-
1
1
6
42.4
375
-
1
1
Wire Range
Aluminum stranded wire range: 500 kcmil - #6 AWG
• Recommended fuse torque (on bolt): 19.2 N-m (170 in. lbs.)
• Wire strip length: 1 3/8”
• Hex key required: 3/8”
Mounting:
•
Panel mountable: 1/4” (M6) fastener, mounting torque to be deternined in end-use application.
Not to exceed 30 lbf. (3.4 N-m)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com