Electronic Components Datasheet Search
  English  ▼

X  

28149AS Datasheet(PDF) 1 Page - Belden Inc.

Part # 28149AS
Description  TC VN/PVC, 2G C #810 Str BC, PVC-NYL Ins M4, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

28149AS Datasheet(HTML) 1 Page - Belden Inc.

  28149AS Datasheet HTML 1Page - Belden Inc. 28149AS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 28149AS
TC VN/PVC, 2+G C #8+10 Str BC, PVC-NYL Ins M4, OS, Blk PVC Jkt, 600V
TC-ER 90C Dry/Wet SUN RES DIR BUR
Product Description
UL Type TC (1277) PVC-Nylon/PVC, 2+G Conductor 8+10AWG (Class B) Bare Copper, PVC-NYL Insulation M4 Color Code, Overall Beldfoil® Shield, Black
PVC Outer Jacket, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
Technical Specifications
Physical Characteristics (Overall)
Conductor
Element
AWG Stranding
Material
Nominal Diameter No. of Conductors
Conductor(s) 8
7x16
BC - Bare Copper 0.143 in
2
Ground
10
7x18
BC - Bare Copper 0.110 in
1
Conductor Count:
2
Insulation
Material
Nominal Diameter
PVC/Nylon - Polyvinyl Chloride + Nylon 0.242 in
No Insulation
Color Chart
Number Color
1
Black
2
Black
Outer Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG
Tape
Bi-Laminate
(Alum+Poly)
Beldfoil®
100%
TC - Tinned Copper 14
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.634 in
0.063 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
0.64 Ohm/1000ft
Current
Max. Recommended Current [A]
55 Amps per Conductor at 30ºC
Voltage
UL Description
UL Voltage Rating
Voltage Rating [V]
TC-ER
600 V RMS (Type TC) 600 V RMS (Type TC)


Similar Part No. - 28149AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28149 ETC2-28149 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
More results

Similar Description - 28149AS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28151A BELDEN-28151A Datasheet
158Kb / 4P
TC VN/PVC, 4G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03024R BELDEN-A03024R Datasheet
140Kb / 2P
TC VN/PVC, 3 C #2 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
A03084B BELDEN-A03084B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
27149AX BELDEN-27149AX Datasheet
139Kb / 2P
TC VN/PVC, 2 C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28150A BELDEN-28150A Datasheet
196Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28153A BELDEN-28153A Datasheet
194Kb / 2P
TC VN/PVC, 3G C #68 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
27149A BELDEN-27149A Datasheet
156Kb / 2P
TC VN/PVC, 2G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A04084B BELDEN-A04084B Datasheet
148Kb / 2P
TC VN/PVC, 4G C #8 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A04104R BELDEN-A04104R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com