Electronic Components Datasheet Search
  English  ▼

X  

C5502 Datasheet(PDF) 1 Page - Belden Inc.

Part # C5502
Description  Teck90 600V, 4G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C5502 Datasheet(HTML) 1 Page - Belden Inc.

  C5502 Datasheet HTML 1Page - Belden Inc. C5502 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C5502
Teck90 600V, 4+G C #14+14 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk
PVC Jkt, CSA HL SUN RES -40C
Product Description
Teck90 600V, 4+G Conductor 14+14AWG (7x22H) Bare Copper, XLPE Insulation M4 Color Code, PVC Inner Jacket, Aluminum Interlock Armor, Black PVC
Outer Jacket, CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
CEC Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 4
14 AWG 7x23
BC - Bare Copper
Ground Wire
1
14 AWG 7x22
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) XLP, XLPO, XLPE (Thermoset) 0.03 in (0.76 mm) 0.132 in mm
Red, Black, Blue, White
Ground Wire
No Insulation
Outer Shield
Material
No Shield
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.047 in (1.2 mm) 0.412 in (10.5 mm)
Armor
Armor Type & Material
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.637 in (16.2 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 0.75 in (19 mm) Yes
Overall Cable Diameter (Nominal): 0.75 in (19 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 2.67 Ohm/1000ft
24 Amps per Conductor at 30ºC
Ground Wire
2.67 Ohm/1000ft (8.76 Ohm/km)
Voltage
Voltage Rating


Similar Part No. - C5502

ManufacturerPart #DatasheetDescription
logo
Powerbox
C550 POWERBOX-C550 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Belden Inc.
C5500 BELDEN-C5500 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-01010000 BELDEN-C5500-01010000 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0102500 BELDEN-C5500-0102500 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0105000 BELDEN-C5500-0105000 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results

Similar Description - C5502

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5562 BELDEN-C5562 Datasheet
165Kb / 2P
Teck90 600V, 4G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
04-28-2023
6054 BELDEN-6054 Datasheet
151Kb / 2P
Teck90 600V, 33G C #121414 Str BC, XLPE Ins, PVC Jkt, AIA Armor,Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5501 BELDEN-C5501 Datasheet
163Kb / 2P
Teck90 600V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5508 BELDEN-C5508 Datasheet
141Kb / 2P
Teck90 600V, 10G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5529 BELDEN-C5529 Datasheet
141Kb / 2P
Teck90 600V, 40G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5538 BELDEN-C5538 Datasheet
151Kb / 2P
Teck90 600V, 10G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5570 BELDEN-C5570 Datasheet
140Kb / 2P
Teck90 600V, 12G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5518 BELDEN-C5518 Datasheet
164Kb / 2P
Teck90 600V, 20G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5701 BELDEN-C5701 Datasheet
151Kb / 2P
Teck90 1000V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5510 BELDEN-C5510 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com