Electronic Components Datasheet Search
  English  ▼

X  

6R30AXSP Datasheet(PDF) 1 Page - Marathon Special Products

Part # 6R30AXSP
Description  Flammability rating of insulator base: UL 94 V-0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6R30AXSP Datasheet(HTML) 1 Page - Marathon Special Products

  6R30AXSP Datasheet HTML 1Page - Marathon Special Products 6R30AXSP Datasheet HTML 2Page - Marathon Special Products 6R30AXSP Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
6R30AXSP
Replace “X” with 1 or 3 for number of poles
Class R Fuse Holder - Reinforced
Electrical Ratings
• 0 - 30A max (amperage rating based on maximum fuse rating for that physical size)
• Copper wire only
• 600 Volts AC/DC
• Approved for 200,000 Amp Withstand Rating
Wire Range
• #10 - #14 AWG Copper
Holds Fuse size 13/16” diameter X 5”
Commonly used fuses in this holder: A6D-R, A6K-R, DLS-R, FLSR_ID, FRS-R, IDSR, KLSR, LLSRK, LLSRK_ID, LPS-
RK, TRS-R
Agency Compliance
• UL Listed, Fuseholder standards UL 4248-1 and UL 4248-12.
• UL File No. IZLT.E35113
• CSA Certified, CSA C22.2 No. 39 – M1987, File No. LR21455
• CE compliant to IEC 60947-1
• RoHS Compliant
Material Information
• Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
• Flammability rating of insulator base: UL 94 V-0
• Touch protection: IP-20 (IEC 60529) with optional cover CHR630 (See accessories)
•Use outside these ratings needs to be judged in the end-use application.
• Fuse Clip: Copper alloy, tin plated
• Reject Member: Steel, tin plated
• Reinforcing Spring: Steel, zinc plated
• Insulator base: Glass filled polycarbonate (thermoplastic)
• Straddle Plate #10-32 screws: Steel, nickel plated
• Fuse Clip anchor screws: Steel, zinc plated


Similar Part No. - 6R30AXSP

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6R30AXB MARATHON-6R30AXB Datasheet
178Kb / 3P
Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
REV-D 05/14/2019
More results

Similar Description - 6R30AXSP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Exar Corporation
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Marathon Special Produc...
135X706 MARATHON-135X706 Datasheet
273Kb / 4P
Flammability rating of insulator base: UL 94 V-0
REV-E 11/25/2019
6R60AXB MARATHON-6R60AXB Datasheet
240Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/08/2019
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com