Electronic Components Datasheet Search
  English  ▼

X  

NE8392 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE8392
Description  Coaxial transceiver interface for Ethernet/Thin Ethernet
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE8392 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE8392 Datasheet HTML 1Page - NXP Semiconductors NE8392 Datasheet HTML 2Page - NXP Semiconductors NE8392 Datasheet HTML 3Page - NXP Semiconductors NE8392 Datasheet HTML 4Page - NXP Semiconductors NE8392 Datasheet HTML 5Page - NXP Semiconductors NE8392 Datasheet HTML 6Page - NXP Semiconductors NE8392 Datasheet HTML 7Page - NXP Semiconductors NE8392 Datasheet HTML 8Page - NXP Semiconductors NE8392 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
NE8392C
Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
2
PIN DESCRIPTIONS
PIN NO.
N PKG
PIN NO.
PLCC
SYMBOL
DESCRIPTION
1
2
2
3
CD+
CD–
Collision Outputs. Balanced differential line driver outputs which send a 10MHz oscillation signal to
the DTE in the event of a collision, jabber interrupt or heartbeat test.
3
6
4
12
RX+
RX–
Receiver Outputs. Balanced differential line driver outputs which send the received signal to the
DTE.
7
8
13
14
TX+
TX–
Transmitter Inputs. Balanced differential line receiver inputs which accept the transmission signal
from the DTE and apply it to the coaxial cable at TXO once it meets Tx squelch threshold.
9
15
HBE
Heartbeat Enable. The heartbeat function is disabled when this pin is connected to VEE and enabled
when connected to GND or left floating.
11
12
18
19
RR+
RR–
External Resistor. A 1k
Ω (1%) resistor connected between these pins establishes the signaling
current at TXO. RR– is internally connected to VEE.
14
26
RXI
Receiver Input. This pin is connected directly to the coaxial cable. Received signals are equalized,
amplified, and sent to the DTE through the RX+ pins once it meets Rx squelch threshold.
15
28
TXO
Transmitter Output. This pin is connected directly (Thin Ethernet) or through an external isolating
diode (Ethernet) to the coaxial cable.
16
1
CDS
Collision Detect Sense. Ground sense connection for the collision detection circuitry. This pin
should be directly connected to the coaxial cable shield to prevent ground drops affecting the
collision threshold voltage.
10
16
17
GND
Positive Supply Pin.
4
5
13
5 to 11
20 to 25
VEE
Negative supply pins. These pins also serve as a low thermal resistance path for extracting heat
from the die. They should, therefore, be connected to a large metal area on the PC board.
NOTE:
1. The IEEE 802.3 name for CD is CI; for RX is DI; for TX is DO.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VEE
Supply voltage1
–12
V
VIN
Voltage at any input1
0 to –12
V
TSTG
Storage temperature range
–65 to +150
°C
TSOLD
Lead soldering temperature (10sec.)
+300
°C
TJ
Recommended max junction temperature2
+130
°C
θJA
Thermal impedance (N and A packages)
60
°C/W
NOTE:
1. 100% measured in production.
2. The junction temperature is calculated from the following expression:
TJ = TA + θJA [VEE (0.08 + n x 0.05/100) + 8(VEE –2) / R]
where
TA
= Ambient temperature in
°C.
θJA = Thermal resistance of package.
VEE = Normal operating supply voltage in volts.
n
= Percentage transmitter duty cycle.
R
= Pull down resistors on the RX and CD pins in
Ω.
The N package is specially designed to have a low
θJA by directly connecting the four center Pins 4, 5, 12, and 13 to the die attachment area.
These four pins then provide a conductive heat flow path from the die to the PCB where they should be soldered to a large area VEE track. For
the A package, Pins 5 to 11 and 19 to 25 should similarly be soldered to a large area VEE and rack.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com