Electronic Components Datasheet Search
  English  ▼

X  

ISL9201 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9201
Description  Li-ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9201 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9201 Datasheet HTML 1Page - Intersil Corporation ISL9201 Datasheet HTML 2Page - Intersil Corporation ISL9201 Datasheet HTML 3Page - Intersil Corporation ISL9201 Datasheet HTML 4Page - Intersil Corporation ISL9201 Datasheet HTML 5Page - Intersil Corporation ISL9201 Datasheet HTML 6Page - Intersil Corporation ISL9201 Datasheet HTML 7Page - Intersil Corporation ISL9201 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN6429.1
February 22, 2007
Typical Applications
Pin Description
VIN (Pin 1)
VIN is the input power source. Connect to a wall adapter.
GND (Pin 2)
GND is the connection to system ground.
STATUS (Pin 3)
STATUS is an open-drain output indicating charging and
inhibit states. The STATUS pin is pulled LOW when the
charger is charging a battery. It will be turned into high
impedance when the charge current drops to IMIN. This high
impedance state will be latched until a recharge cycle or a
new charge cycle starts. When the charger is disabled, the
STATUS pin outputs high impedance.
TIME (Pin 4)
The TIME pin determines the oscillation period by
connecting a timing capacitor between this pin and GND.
The oscillator also provides a time reference for the charger.
GND (Pin 5)
GND is the connection to system ground.
EN (Pin 6)
EN is the enable logic input. Connect the EN pin to HIGH to
disable the charger. Connect the EN pin to LOW or leave it
floating to enable the charger. There is an internal 400k
Ω
pull-down resistor at this pin.
V2P8 (Pin 7)
This is a 2.8V reference voltage output. This pin provides a
2.8V voltage source when the input voltage is above the
POR threshold and outputs 0V otherwise. The V2P8 pin can
be used as an indication for adapter presence.
IREF (Pin 8)
This is the charge current programming and monitoring pin.
Connect a resistor between this pin and GND to set the
charge current during the constant current phase, as given
by Equation 1:
Where RIREF is in kΩ.
VSEN (Pin 9)
VSEN is the remote voltage sense pin. Connect this pin as
close to the battery positive terminal as possible. If the
VSEN pin is left floating, its voltage drops to 0V and the
charger operates in trickle mode.
VBAT (Pin 10)
VBAT is the connection to the battery. Typically a 10µF
Tantalum capacitor is needed for stability when there is no
battery attached. When a battery is attached, only a 0.1µF
ceramic capacitor is required.
V2P8
EN
GND
VBAT
IREF
VIN
5V WALL
ADAPTER
PACK
TIME
C1
1µF
1k
Ω
R1
C2
1µF
4.7µF
C3
RIREF
100k
Ω
CTIME
15nF
D1
VSEN
R1
R
BATTERY
ISL9201IRZ
R1
1
Ω
STATUS
I
REF
80
R
IREF
-----------------
=
(EQ. 1)
(A)
ISL9201



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com