Electronic Components Datasheet Search
  English  ▼

X  

90239 Datasheet(PDF) 1 Page - NTE Electronics

Part # 90239
Description  1000V CERAMIC DISC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

90239 Datasheet(HTML) 1 Page - NTE Electronics

  90239 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
202
1000V CERAMIC DISC
90000 SERIES
19
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
The 90000 series is a range of insulated disc, monolythic
fixed ceramic capacitors. They are most commonly used
in consumer electronics and telecommunication equip-
ment.
RATINGS
Capacitance Range: 1.0pf to 0.10
µf (100,000pf)
Voltage: 1000 Volts DC
Withstand Voltage: 2500 Volts DC
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–25
°C to +85°C (–13°F to +185°F)
Tolerance Range:
9001D0–9009D0
±0.5pf
90010–90210
±10%
90212–90220
+80%, –20%
90222
±20%
90227–90410
+80%, –20%
Temperature Coefficient:
9001D0–90091
–
SL
90110–90118
–
Y5F
90122–90210
–
Y5P
90212–90220
–
Z5V
90222
–
Z5U
90227–90410
–
Z5V
Insulation Resistance: 7500M
Ω Min
measured after 1 Minute at rated voltage
ORDERING INFORMATION
90
0
2D0
Series
Multiplier
Capacitance in pf
Example:
9002D0 = 2.0pf
90220
= 2000pf
90347
= 0.047
µf
MARKING EXAMPLE
Figure 1
Example:
2pf =
2
2000pf =
202
0.047
µf =
473
90000 Series Dimensions (Figure 2)
Cap
D Ø
S
Cap
D Ø
S
Cap
D Ø
S
pf
mm
mm
pf
mm
mm
pf
mm
mm
1.0pf
5
7.5
39pf
5
7.5
1500pf
5
7.5
2.0pf
6
7.5
47pf
5
7.5
1800pf
6
7.5
2.2pf
5
7.5
56pf
5
7.5
2000pf
6
7.5
2.7pf
5
7.5
62pf
5
7.5
2200pf
6
7.5
3.0pf
5
7.5
68pf
6
7.5
2700pf
7
7.5
3.3pf
6
7.5
75pf
6
7.5
3000pf
7
7.5
4.0pf
5
7.5
82pf
6
7.5
3300pf
7
7.5
4.7pf
5
7.5
91pf
6
7.5
3900pf
7
7.5
5.0pf
5
7.5
100pf
5
7.5
4300pf
7
7.5
5.6pf
5
7.5
120pf
5
7.5
4700pf
8
7.5
6.2pf
5
7.5
150pf
5
7.5
5000pf
8
7.5
6.8pf
5
7.5
180pf
5
7.5
5600pf
8.5
7.5
7.5pf
5
7.5
220pf
5
7.5
6800pf
10.5
7.5
8.0pf
6
7.5
270pf
6
7.5
7500pf
10.5
7.5
9.0pf
5
7.5
330pf
6
7.5
8200pf
10.5
7.5
10pf
5
7.5
390pf
6
7.5
0.01
µf 10.5
7.5
12pf
5
7.5
430pf
6
7.5
0.015
µf 10.5
7.5
13pf
5
7.5
470pf
5
7.5
0.020
µf 11.0
7.5
15pf
5
7.5
500pf
6
7.5
0.022
µf 13.5
8.5
18pf
5
7.5
560pf
6
7.5
0.030
µf 13.5
8.5
20pf
5
7.5
680pf
6
7.5
0.033
µf 13.5
8.5
22pf
5
7.5
750pf
6
7.5
0.036
µf 13.5
8.5
24pf
6
7.5
820pf
6
7.5
0.047
µf 16.5 10.5
27pf
5
7.5
910pf
6
7.5
0.050
µf 16.5 10.5
30pf
5
7.5
1000pf
5
7.5
0.10
µf 20.0 10.5
33pf
5
7.5
1200pf
5
7.5
Figure 2
D Ø
2.0
25.4 Min
S
±0.8
All dimensions are in mm


Similar Part No. - 90239

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9023 ETC2-9023 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Littelfuse
9023 LITTELFUSE-9023 Datasheet
402Kb / 1P
LIGHT DUTY MOMENTARY PUSH BUTTON SWITCHES
2019 Rev: 121219
9023 LITTELFUSE-9023 Datasheet
351Kb / 1P
HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
logo
Heyco.
9023 HEYCO-9023 Datasheet
152Kb / 2P
Snap Rivets
logo
Littelfuse
9023-09 LITTELFUSE-9023-09 Datasheet
351Kb / 1P
HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
More results

Similar Description - 90239

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
CERAMIC DISC CAPACITOR
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
NTE Electronics
89012 NTE-89012 Datasheet
438Kb / 1P
50V CERAMIC DISC
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
CERAMIC DISC
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com