Electronic Components Datasheet Search
  English  ▼

X  

ISL6313 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL6313
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6313 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL6313 Datasheet HTML 17Page - Intersil Corporation ISL6313 Datasheet HTML 18Page - Intersil Corporation ISL6313 Datasheet HTML 19Page - Intersil Corporation ISL6313 Datasheet HTML 20Page - Intersil Corporation ISL6313 Datasheet HTML 21Page - Intersil Corporation ISL6313 Datasheet HTML 22Page - Intersil Corporation ISL6313 Datasheet HTML 23Page - Intersil Corporation ISL6313 Datasheet HTML 24Page - Intersil Corporation ISL6313 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
FN6448.0
March 5, 2007
from shutdown mode to begin the soft-start startup
sequence:
1. The bias voltage applied at VCC must reach the internal
power-on reset (POR) rising threshold. Once this
threshold is reached, proper operation of all aspects of
the ISL6313 is guaranteed. Hysteresis between the rising
and falling thresholds assure that once enabled, the
ISL6313 will not inadvertently turn off unless the bias
voltage drops substantially (see Electrical Specifications
on page 6).
2. The voltage on EN must be above 0.85V. The EN input
allows for power sequencing between the controller bias
voltage and another voltage rail. The enable comparator
holds the ISL6313 in shutdown until the voltage at EN
rises above 0.85V. The enable comparator has 110mV of
hysteresis to prevent bounce.
3. The driver bias voltage applied at the PVCC pin must
reach the internal power-on reset (POR) rising threshold.
Hysteresis between the rising and falling thresholds
assure that once enabled, the ISL6313 will not
inadvertently turn off unless the PVCC bias voltage drops
substantially (see Electrical Specifications on page 6).
For Intel VR11 and AMD 6-bit modes of operation these are
the only conditions that must be met for the controller to
immediately begin the soft-start sequence. If running in AMD
5-bit mode of operation there is one more condition that
must be met:
4. The VID code must not be 11111 in AMD 5-bit mode. This
code signals the controller that no load is present. The
controller will not allow soft-start to begin if this VID code
is present on the VID pins.
Once all of these conditions are met the controller will begin
the soft-start sequence and will ramp the output voltage up
to the user designated level.
Intel Soft-Start
The soft-start function allows the converter to bring up the
output voltage in a controlled fashion, resulting in a linear
ramp-up. The soft-start sequence for the Intel modes of
operation is slightly different then the AMD soft-start
sequence.
For the Intel VR11 mode of operation, the soft-start
sequence if composed of four periods, as shown in
Figure 13. Once the ISL6313 is released from shutdown and
soft-start begins (as described in “Enable and Disable” on
page 20), the controller will have a fixed delay period TD1 of
typically 1.10ms. After this delay period, the VR will begin
first soft-start ramp until the output voltage reaches 1.1V
VBOOT voltage. Then, the controller will regulate the VR
voltage at 1.1V for another fixed delay period TD3, of
typically 93µs. At the end of TD3 period, ISL6313 will read
the VID signals. It is recommended that the VID codes be
set no later then 50µs into period TD3. If the VID code is
valid, ISL6313 will initiate the second soft-start ramp until the
output voltage reaches the VID voltage plus/minus any offset
or droop voltage.
The soft-start time is the sum of the 4 periods as shown in
Equation 19.
During td2 and td4, ISL6313 digitally controls the DAC
voltage change at 6.25mV per step. The time for each step is
determined by the frequency of the soft-start oscillator which
is defined by the resistor RSS on the SS pin. The second
soft-start ramp time td2 and td4 can be calculated based on
Equations 20 and 21:
For example, when VID is set to 1.5V and the RSS is set at
100k
Ω, the first soft-start ramp time t
d2 will be 880µs and the
second soft-start ramp time td4 will be 320µs.
After the DAC voltage reaches the final VID setting, PGOOD
will be set to high with the fixed delay td5. The typical value
for td5 is 93µs.
AMD Soft-Start
For the AMD 5-bit and 6-bit modes of operation, the
soft-start sequence is composed of two periods, as shown in
Figure 14. At the beginning of soft-start, the VID code is
immediately obtained from the VID pins, followed by a fixed
delay period TDA of typically 1.10ms. After this delay period
the ISL6313 will begin ramping the output voltage to the
desired DAC level at a fixed rate of 6.25mV per step. The
time for each step is determined by the frequency of the soft-
start oscillator which is defined by the resistor RSS on the SS
pin. The amount of time required to ramp the output voltage
t
SS
t
d1
t
d2
t
d3
t
d4
++
+
=
(EQ. 19)
FIGURE 13. SOFT-START WAVEFORMS
VOUT, 500mV/DIV
EN
500µs/DIV
td1
td3
td4
td5
PGOOD
td2
(EQ. 20)
t
d2
1.1 R
⋅
SS 810
3
–
μs
()
⋅⋅
=
(EQ. 21)
t
d4
V
VID
1.1
–
R
SS 810
3
–
μs
()
⋅⋅ ⋅
=
ISL6313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com