Electronic Components Datasheet Search
  English  ▼

X  

SL8601IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # SL8601IRZ
Description  Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SL8601IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  SL8601IRZ Datasheet HTML 1Page - Intersil Corporation SL8601IRZ Datasheet HTML 2Page - Intersil Corporation SL8601IRZ Datasheet HTML 3Page - Intersil Corporation SL8601IRZ Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FN6449.0
March 23, 2007
Functional Block Diagram
INTERNAL
TEMP
SENSE
EXTERNAL
TEMP
MEASUREMENT
THERM
RESISTOR
DECODE
RCONF1
RCONF2
ROSC
ROV
VSENSP
VSENSN
VMON
AV = 1
EA
PWM
COMP
FB
COMP
1.024V
REFERENCE
SOFT-START
CIRCUIT
SS
DRIVER
CONTROL
UGATE
LGATE
PHASE
BOOT
PGND
RADDR
SMBDAT
SMBCLK
SMBALRT
SERIAL
INTERFACE
REG5V
C50A
C25D
C25A
VBIAS
LDO2
LDO1
LDO3
LDO4
MAIN CONTROL LOGIC
CURRENT
SENSE
ISENSP
ISENSN
8-BIT
DAC
PGOOD
GENERATOR
PGOOD
PVCC
OSCILLATOR
VFF
SYNC
EN
DGND
DIFA
UVLO
UVLO
DETECT
AGND
8-BIT
MEASUREMENT
ADC
RGND
LSOC
HSOC
ISL8601



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com