Electronic Components Datasheet Search
  English  ▼

X  

CCA3P1 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCA3P1
Description  Push-pull connectors cable mounted plug CCA3 series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCA3P1 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCA3P1 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
113
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
CIRCULAR C ONNECT ORS
158
INTERFACE
MODULES AND
RELAY BASES
SOCKET S
PL UGS
AC CES SORIES
FM 28614
P ush-pull c onnect ors cable
mount ed plug C CA3 series
C CA3P1/A10
10 pole
• Premium range of circular connectors
• IP68 sealed using vacuum technology
(when connected and using
environmental cable clamp)
• Tough, high performance interconnection
solution
• Ideal for harsh and extreme environments
• Suitable for broadcasting, autosport,
military, rail, marine, security, industrial
and agricultural applications
• Key coded to prevent misconnection
• Will not disconnect when the cable is
under load or stress
• Tested to IEC 60512-3-5a
SPECIFICATION
Shell style/model
Cable mounted straight plug,
male contact
Codes
Code 1
Contact type
Solder type
Contact diameter
0.7mm
Max. stranded conductor
AWG 21-22
Max diameter
0.79mm
Vtest (contact-shell)
1400V(AC) 2000V(DC)
Vtest (contact-contact)
1500V(AC) 2200V(DC)
Rated current
4.5A
Rated voltage
≤250V
Mechanical operation
5000 mating cycles
Housing material
Brass (natural chrome plated)
shell and collet nut, nickel
plated brass latch sleeve and
mid pieces
Insulator
PPS
Contacts
Brass (gold plated)
Humidity (max)
<=95% [at 60°C /140°F]
Vibration
15g [10 Hz - 2000 Hz]
Shock resistance
100g [6 ms]
Salt spray corrosion
>72 hr
Climatical category
50/175/21
Shielding (min)
75 dB (10 MHz)
Shielding (min)
40 dB (1 GHz)
IP rating
IP68 (when connected and
using
environmental cable clamp)
CCA3P1/A10
PART NO.
DESCRIPTION
POLES
SERIES
CCA3P1/A10
Cable mounted
plug
10
CCA series
~38
11
11
~48
T his pr oduct should be used with
the f ollo wing cable clamps:
AC CES SORIES
Metal cap f or plugs
PART NO.
DESCRIPTION
CCA32
Camcirc metal cap for plug A3
1
PART NO.
WIRE RANGE
CCU3C/CJ
5.7 - 6.2mm
CCU3C/CL
6.2 - 6.7mm
Non IP68 cable clamps also available
A S SOCIATED PRODUCT S
C CM3S1/ 10
-C CM series A3 siz e sock et
page 128


Similar Part No. - CCA3P1

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCA32 CAMDENBOSS-CCA32 Datasheet
159Kb / 1P
Camcirc metal and rubber caps
More results

Similar Description - CCA3P1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
Push-Pull Lock Connectors
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-001 GLENAIR-844-001 Datasheet
257Kb / 2P
Push-Pull Plug
logo
Rosenberger Hochfrequen...
64S161-273N1 ROSENBERGER-64S161-273N1 Datasheet
551Kb / 2P
Straight plug push-pull
logo
CamdenBoss Ltd.
CCA1P1 CAMDENBOSS-CCA1P1 Datasheet
302Kb / 1P
Push pull connectors cable mounted plug CCA1 series
CCA2P1 CAMDENBOSS-CCA2P1 Datasheet
281Kb / 1P
Push-pull connectors cable mounted plug CCA2 series
CCA4P1 CAMDENBOSS-CCA4P1 Datasheet
291Kb / 1P
Push-pull connectors cable mounted plug CCA4 series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com