Electronic Components Datasheet Search
  English  ▼

X  

NPR47M63 Datasheet(PDF) 2 Page - NTE Electronics

Part # NPR47M63
Description  NON−POLAR ALUMINUM ELECTROLYTIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NPR47M63 Datasheet(HTML) 2 Page - NTE Electronics

  NPR47M63 Datasheet HTML 1Page - NTE Electronics NPR47M63 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(V)
(V)
NPR, NPA (Non−Polarized) SERIES
NON−POLAR ALUMINUM ELECTROLYTIC
8
NTE Electronics, Inc.
D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
NPR Series (Radial Type) Dimensions: Diameter (D Ø) x Length (L): mm
Rated Voltage
(WV)
16
25
50
63
100
Surge Voltage
20
32
63
79
125
Cap (
μf)
20
32
63
79
125
0.47
5 x 11
5 x 11
1.0
5 x 11
5 x 11
5 x 11
2.2
5 x 11
5 x 11
6 x 11
3.3
5 x 11
6 x 11
8 x 11.5
4.7
5 x 11
6 x 11
6 x 11
8 x 11.5
10
5 x 11
5 x 11
8 x 11.5
8 x 11.5
10 x 12.5
22
6 x 11
6 x 11
10 x 12.5
10 x 12.5
10 x 20
33
6 x 11
8 x 11.5
10 x 16
10 x 16
13 x 20
47
8 x 11.5
10 x 12.5
10 x 20
10 x 20
13 x 25
100
10 x 12.5
10 x 16
13 x 25
13 x 25
16 x 25
220
10 x 20
13 x 25
16 x 25
16 x 30
330
13 x 20
13 x 25
16 x 30.5
470
13 x 25
16 x 25
1000
16 x 25
16 x 30.5
* These dimensions are for reference only, please consult the factory for actual size.
NPR Series (Radial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
5
6
8
10
13
16
Lead Spacing (A)
2
2.5
3.5
5
5
7.5
Lead Diameter (d Ø)
0.5
0.6
0.6
0.6
0.6
0.8
* These dimensions are for reference only, please consult the factory for actual size.
NPA Series (Axial Type) Dimensions: Diameter (D Ø) x Length (L): mm
Rated Voltage
(WV)
16
25
50
63
100
Surge Voltage
20
32
63
79
125
Cap (
μf)
20
32
63
79
125
0.47
6 x 15
6 x 15
1.0
6 x 15
6 x 15
6 x 15
2.2
6 x 15
6 x 15
6 x 15
3.3
6 x 15
6 x 15
6 x 19
4.7
6 x 15
6 x 15
8 x 19
10
6 x 15
6 x 19
8 x 19
10 x 21
22
6 x 15
6 x 19
10 x 21
10 x 21
10 x 25
33
6 x 19
8 x 19
10 x 21
10 x 25
13 x 30
47
8 x 19
8 x 19
10 x 25
10 x 25
13 x 30
100
10 x 21
10 x 25
13 x 30
13 x 30
16 x 30
220
10 x 25
13 x 30
16 x 30
16 x 30
330
10 x 30
13 x 30
16 x 41
16 x 41
470
13 x 30
16 x 30
1000
16 x 30
* These dimensions are for reference only, please consult the factory for actual size.
NPA Series (Axial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
6
8
10
13
16
Lead Diameter (d Ø)
0.6
0.6
0.6
0.8
0.8
* These dimensions are for reference only, please consult the factory for actual size.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com