Electronic Components Datasheet Search
  English  ▼

X  

CTBP97VJ/2FL Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP97VJ/2FL
Description  5 .08mm inve r ted/reve r s e terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP97VJ/2FL Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP97VJ/2FL Datasheet HTML 1Page - CamdenBoss Ltd. CTBP97VJ/2FL Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
72
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
SCREWLES S
S TANDARD
PL UGGABLES
PL UGGABLES
PCB TERMINAL
BLOCKS
0 02
5. 08mm in v ert ed/r e v erse t erminal
blocks
Pr oduct o v ervie w
• 2-12 pole solid block
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA 66
• Cable acceptance - 0.32 to 1.6mm2 (28-14AWG)
• Horizontal and vertical orientations
• Pluggable male and female connectors
• Polarized moulding
• Dual row pins for extra stability
• Also available in 5mm pitch
• C
US approved
PART NO.
POLES
LENG TH
CTBP96HJ/2
2
11.8mm
CTBP96HJ/3
3
16.8mm
CTBP96HJ/4
4
21.9mm
CTBP96HJ/5
5
27.0mm
CTBP96HJ/6
6
32.1mm
CTBP96HJ/7
7
37.2mm
CTBP96HJ/8
8
42.2mm
CTBP96HJ/9
9
47.3mm
CTBP96HJ/10
10
52.4mm
CTBP96HJ/11
11
57.5mm
CTBP96HJ/12
12
62.6mm
CTBP96HJ
PART NO.
POLES
LENG TH
A
LENG TH
B
CTBP96HJ/2FL
2
11.8mm
20.3mm
CTBP96HJ/3FL
3
16.8mm
25.4mm
CTBP96HJ/4FL
4
21.9mm
30.5mm
CTBP96HJ/5FL
5
27mm
35.6mm
CTBP96HJ/6FL
6
32.1mm
40.7mm
CTBP96HJ/7FL
7
37.2mm
45.7mm
CTBP96HJ/8FL
8
42.2mm
50.8mm
CTBP96HJ/9FL
9
47.3mm
55.9mm
CTBP96HJ/10FL
10
52.4mm
61.0mm
CTBP96HJ/11FL
11
57.5mm
66.1mm
CTBP96HJ/12FL
12
62.6mm
71.1mm
CTBP96HJ FL
SPECIFICATION
Rating
UL=15A/300V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M3 steel, zinc plated 0.5Nm
Recommended PCB hole size
ø1.4mm
5.08
8.6
15.2
8.60
15.20
5.08
5.08
5.08
A
B
PART NO.
POLES
LENG TH
CTBP97VJ/2
2
12.2mm
CTBP97VJ/3
3
17.2mm
CTBP97VJ/4
4
22.3mm
CTBP97VJ/5
5
27.4mm
CTBP97VJ/6
6
32.5mm
CTBP97VJ/7
7
37.6mm
CTBP97VJ/8
8
42.6mm
CTBP97VJ/9
9
47.7mm
CTBP97VJ/10
10
52.8mm
CTBP97VJ/11
11
57.9mm
CTBP97VJ/12
12
63.0mm
CTBP97VJ
10.2
5.08 1.36
4
5.08
Male c onnect or
Male c onnect or (flanged)
PCB mount ed f emale v ertical c onnect or


Similar Part No. - CTBP97VJ/2FL

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP97VJ/2FL CAMDENBOSS-CTBP97VJ/2FL Datasheet
508Kb / 1P
PCB mounting female ve r t i c a l connecto r ( f l a n g e d )
More results

Similar Description - CTBP97VJ/2FL

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
PHOENIX CONTACT
1050059-R PHOENIX-1050059-R Datasheet
48Kb / 2P
Marker for terminal blocks - ZB 5,LGS:GROSSBUCHST. R
logo
CamdenBoss Ltd.
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP9208 CAMDENBOSS-CSTBP9208 Datasheet
462Kb / 1P
5 .08mm pitch pluggable screwless terminal blocks
CTBP97VJ CAMDENBOSS-CTBP97VJ Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBPD96HG CAMDENBOSS-CTBPD96HG Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com