Electronic Components Datasheet Search
  English  ▼

X  

EL1509CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL1509CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1509CSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL1509CSZ Datasheet HTML 2Page - Intersil Corporation EL1509CSZ Datasheet HTML 3Page - Intersil Corporation EL1509CSZ Datasheet HTML 4Page - Intersil Corporation EL1509CSZ Datasheet HTML 5Page - Intersil Corporation EL1509CSZ Datasheet HTML 6Page - Intersil Corporation EL1509CSZ Datasheet HTML 7Page - Intersil Corporation EL1509CSZ Datasheet HTML 8Page - Intersil Corporation EL1509CSZ Datasheet HTML 9Page - Intersil Corporation EL1509CSZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7015.2
March 26, 2007
FIGURE 19. SUPPLY CURRENT vs TEMPERATURE
FIGURE 20. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 21. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 22. SLEW RATE vs TEMPERATURE
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 24. OFFSET VOLTAGE vs TEMPERATURE
Typical Performance Curves
14.5
14
12.5
TEMPERATURE (°C)
13
-50
100
150
-25
0
50
125
25
75
13.5
10
8
-4
-8
-10
TEMPERATURE (°C)
0
-6
-50
100
150
-25
0
50
125
25
75
4
6
-2
2
IB+
IB-
5.2
4.8
TEMPERATURE (°C)
50.5
4.85
4.95
5
5.1
4.9
-50
100
150
-25
0
50
125
25
75
5.15
RL=100Ω
520
510
440
TEMPERATURE (°C)
480
460
450
500
470
-50
100
150
-25
0
50
125
25
75
490
16
6
2
0
±VS (V)
10
4
06
7
12
4
35
14
8
12
7
-3
5
1
-1
3
6
TEMPERATURE (°C)
-50
100
150
-25
0
50
125
25
75
4
0
-2
2
EL1509



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com