Electronic Components Datasheet Search
  English  ▼

X  

EL1519CSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL1519CSZ
Description  Medium Power Differential Line Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1519CSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL1519CSZ Datasheet HTML 1Page - Intersil Corporation EL1519CSZ Datasheet HTML 2Page - Intersil Corporation EL1519CSZ Datasheet HTML 3Page - Intersil Corporation EL1519CSZ Datasheet HTML 4Page - Intersil Corporation EL1519CSZ Datasheet HTML 5Page - Intersil Corporation EL1519CSZ Datasheet HTML 6Page - Intersil Corporation EL1519CSZ Datasheet HTML 7Page - Intersil Corporation EL1519CSZ Datasheet HTML 8Page - Intersil Corporation EL1519CSZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN7017.2
April 10, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . -0.3V to +14.6V
VIN+ Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS+
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mA
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -60°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±12V, RF = 750Ω, RL = 100Ω connected to mid supply, TA = +25°C. Unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +4
70
MHz
HD
Total Harmonic Distortion
f = 150kHz, VO =16Vp-p, RL=25Ω
-85
dBc
dG
Differential Gain
AV = +2, RL = 37.5Ω
0.15
%
d
θ
Differential Phase
AV = +2, RL = 37.5Ω
0.1
°
SR
Slewrate
VOUT from -3V to +3V
275
350
V/µS
DC PERFORMANCE
VOS
Offset Voltage
-20
20
mV
ΔVOS
VOS Mismatch
-10
10
mV
ROL
Transimpedance
VOUT from -4.5V to +4.5V
0.7
1.4
2.5
M
Ω
INPUT CHARACTERISTICS
IB+
Non-Inverting Input Bias Current
-3
3
µA
IB-
Inverting Input Bias Current
-30
30
µA
eN
Input Noise Voltage
2.7
nV
√Hz
iN
-Input Noise Current
18
pA/
√Hz
OUTPUT CHARACTERISTICS
VOUT
Loaded Output Swing (single ended)
RL = 100Ω to GND, VS = ±6V
±4.8
±5
V
RL = 25Ω to GND, VS = ±6V
±4.4
±4.7
V
IOUT
Output Current
RL = 0Ω
450
mA
SUPPLY
VS
Supply Voltage
Single Supply
5
12
V
IS
Supply Current
All Outputs at Mid Supply
14.2
18
mA
EL1519



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com