Electronic Components Datasheet Search
  English  ▼

X  

FLR Datasheet(PDF) 2 Page - RFE international

Part # FLR
Description  STRAP MOUNT PPTC RESETTABLE FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FLR Datasheet(HTML) 2 Page - RFE international

  FLR Datasheet HTML 1Page - RFE international FLR Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS (mm)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
TYPICAL TIME-TO-TRIP AT 23°C
Page 2 of 2
NOTE: All Specifications subject to change without notice.
C6BS04
2020.01.10
MARKING SYSTEM
Example
FLR
□ □ □ F
□
□ □ □
FLR190F
34AB
Product Family
Date Code/Lot Number
Part Identification
RoHS Compliant / Lead Free
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FLR190F
19.90
22.10
4.90
5.50
0.60
1.00
5.50
7.50
3.90
4.10
FLR260F
20.90
23.10
4.90
5.50
0.60
1.00
4.10
5.50
3.90
4.10
FLR380F
24.00
26.00
6.90
7.50
0.60
1.00
4.10
5.50
4.90
5.10
FLR450F
24.00
26.00
9.90
10.50
0.60
1.00
5.30
6.70
5.90
6.10
FLR550F
35.00
37.00
6.90
7.50
0.60
1.00
5.30
6.70
4.90
5.10
FLR600F
24.00
26.00
13.90
14.50
0.60
1.00
4.10
5.50
5.90
6.10
FLR730F
27.10
29.10
13.90
14.50
0.60
1.00
4.10
5.50
5.90
6.10
F
Part Number
A
B
C
D
0.01
0.1
1
10
100
1
10
100
Fault Current (A)
A B C D E F G
A = FLR190F
B = FLR260F
C = FLR380F
D = FLR450F
E = FLR550F
F = FLR600F
G = FLR730F
STRAP MOUNT PPTC RESETTABLE FUSE
FLR Series : 15~20Vdc, 1.9~7.3A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com