Electronic Components Datasheet Search
  English  ▼

X  

FSMD1812 Datasheet(PDF) 2 Page - RFE international

Part # FSMD1812
Description  Surface Mountable PTC Resettable Fuse: FSMD1812 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD1812 Datasheet(HTML) 2 Page - RFE international

  FSMD1812 Datasheet HTML 1Page - RFE international FSMD1812 Datasheet HTML 2Page - RFE international FSMD1812 Datasheet HTML 3Page - RFE international FSMD1812 Datasheet HTML 4Page - RFE international FSMD1812 Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NO.
PQ04-01ER
Product Specification and Approval Sheet Version 1 Page 2/5
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/23
FSMD260-13R
2.60
5.00
13.2
100
1.3
8.0
5.000
0.015
0.050
FSMD260-16R
2.60
5.00
16.0
100
1.3
8.0
5.000
0.015
0.050
FSMD300R
3.00
5.00
6.0
100
1.0
8.0
4.000
0.012
0.040
IH=Hold current-maximum current at which the device will not trip at 23℃still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
VMAX=Maximum voltage device can withstand without damage at it rated current (IMAX).
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23℃ measured 1 hour after tripping or reflow soldering of 260℃ for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
4. FSMD Product Dimensions (Millimeters)
Part
Number
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
FSMD010-R
4.37
4.73
3.07
3.41
0.60
0.90
0.30
0.95
0.25
0.65
FSMD014-R
4.37
4.73
3.07
3.41
0.60
0.90
0.30
0.95
0.25
0.65
FSMD020-R
4.37
4.73
3.07
3.41
0.60
0.90
0.30
0.95
0.25
0.65
FSMD020-60-R
4.37
4.73
3.07
3.41
0.60
0.90
0.30
0.95
0.25
0.65
FSMD030-R
4.37
4.73
3.07
3.41
0.40
0.70
0.30
0.95
0.25
0.65
FSMD035-R
4.37
4.73
3.07
3.41
0.40
0.70
0.30
0.95
0.25
0.65
FSMD035-30-R
4.37
4.73
3.07
3.41
0.40
0.70
0.30
0.95
0.25
0.65
FSMD050-R
4.37
4.73
3.07
3.41
0.35
0.65
0.30
0.95
0.25
0.65
FSMD050-30-R
4.37
4.73
3.07
3.41
0.45
0.75
0.30
0.95
0.25
0.65
FSMD075-R
4.37
4.73
3.07
3.41
0.35
0.65
0.30
0.95
0.25
0.65
FSMD075-24R
4.37
4.73
3.07
3.41
0.80
1.55
0.25
0.95
0.25
0.65
FSMD075-33R
4.37
4.73
3.07
3.41
0.80
1.55
0.25
0.95
0.25
0.65
FSMD110-R
4.37
4.73
3.07
3.41
0.25
0.55
0.30
0.95
0.25
0.65
FSMD110-16-R
4.37
4.73
3.07
3.41
0.25
0.90
0.30
0.95
0.25
0.65
FSMD110-24R
4.37
4.73
3.07
3.41
0.80
1.30
0.25
0.95
0.25
0.65
FSMD110-33R
4.37
4.73
3.07
3.41
0.80
1.30
0.25
0.95
0.25
0.65
FSMD125-R
4.37
4.73
3.07
3.41
0.25
0.55
0.30
0.95
0.25
0.65
FSMD125-16R
4.37
4.73
3.07
3.41
0.50
1.00
0.30
0.95
0.25
0.65
FSMD150-R
4.37
4.73
3.07
3.41
0.25
0.55
0.30
0.95
0.25
0.65
FSMD150-12R
4.37
4.73
3.07
3.41
0.60
1.10
0.25
0.95
0.25
0.65
FSMD150-24R
4.37
4.73
3.07
3.41
0.60
1.55
0.25
0.95
0.25
0.65
FSMD160-R
4.37
4.73
3.07
3.41
0.25
0.90
0.30
0.95
0.25
0.65
FSMD160-12R
4.37
4.73
3.07
3.41
0.60
1.35
0.25
0.95
0.25
0.65
FSMD160-16R
4.37
4.73
3.07
3.41
0.60
1.35
0.25
0.95
0.25
0.65
FSMD160-24R
4.37
4.73
3.07
3.41
0.55
1.20
0.25
0.95
0.25
0.65
FSMD200R
4.37
4.73
3.07
3.41
0.55
1.20
0.25
0.95
0.25
0.65
FSMD200-16R
4.37
4.73
3.07
3.41
0.60
1.55
0.25
0.95
0.25
0.65
FSMD260R
4.37
4.73
3.07
3.41
0.55
1.20
0.25
0.95
0.25
0.65



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com