Electronic Components Datasheet Search
  English  ▼

X  

EL7156CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7156CS
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL7156CS Datasheet HTML 1Page - Intersil Corporation EL7156CS Datasheet HTML 2Page - Intersil Corporation EL7156CS Datasheet HTML 3Page - Intersil Corporation EL7156CS Datasheet HTML 4Page - Intersil Corporation EL7156CS Datasheet HTML 5Page - Intersil Corporation EL7156CS Datasheet HTML 6Page - Intersil Corporation EL7156CS Datasheet HTML 7Page - Intersil Corporation EL7156CS Datasheet HTML 8Page - Intersil Corporation EL7156CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN7280.2
November 3, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.3V, VS +0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +15V, VH = +15V, VL = 0V, VS- = 0V, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic ‘1’ Input Voltage
2.4
V
IIH
Logic ‘1’ Input Current
VIH = VS+0.1
10
µA
VIL
Logic ‘0’ Input Voltage
0.8
V
IIL
Logic ‘0’ Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
Ω
OUTPUT
ROVH
ON Resistance VH to OUT
IOUT = -200 mA
2.7
4.5
Ω
ROVL
ON Resistance VL to OUT
IOUT = +200 mA
3.5
5.5
Ω
IOUT
Output Leakage Current
OE = 0V, OUT = VH/VL
0.1
10
µA
IPK
Peak Output Current
(linear resistive operation)
Source
3.5
A
Sink
3.5
A
IDC
Continuous Output Current
Source/Sink
200
mA
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+1.3
3
mA
IVH
Off Leakage at VH and VL
VH, VL = 0V
4
10
µA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 2000pF
14.5
ns
tF
Fall Time
CL = 2000pF
15
ns
tRF∆
tR, tF Mismatch
CL = 2000pF
0.5
ns
tD-1
Turn-Off Delay Time
CL = 2000pF
9.5
ns
tD-2
Turn-On Delay Time
CL = 2000pF
10
ns
tD∆
tD-1-tD-2 Mismatch
CL = 2000pF
0.5
ns
tD-3
3-state Delay Enable
10
ns
tD-4
3-state Delay Disable
10
ns
EL7156



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com