Electronic Components Datasheet Search
  English  ▼

X  

OM5604 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # OM5604
Description  Multimedia radio tuner
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5604 Datasheet(HTML) 4 Page - NXP Semiconductors

  OM5604 Datasheet HTML 1Page - NXP Semiconductors OM5604 Datasheet HTML 2Page - NXP Semiconductors OM5604 Datasheet HTML 3Page - NXP Semiconductors OM5604 Datasheet HTML 4Page - NXP Semiconductors OM5604 Datasheet HTML 5Page - NXP Semiconductors OM5604 Datasheet HTML 6Page - NXP Semiconductors OM5604 Datasheet HTML 7Page - NXP Semiconductors OM5604 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1995 Oct 10
4
Philips Semiconductors
Preliminary specification
Multimedia radio tuner
OM5604; OM5606
CHARACTERISTICS
Direct coaxial feed to 75
Ω RF-connector; signal generator impedance = 75 Ω; RF levels are EMF/2; ∆f = 75 kHz;
fi = 98 MHz; fmod = 1 kHz; left and right audio output; RL = 600 Ω; audio filter = 22 Hz to 15 kHz; temperature
range = 15 to 35
°C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
FM mono
Φlim
3 dB limiting sensitivity
V11, 12 = −3 dB;
V11, 12 = 0 dB at VFMi > 100 µV
−
3.5
5
µV
Φ
RF
RF sensitivity
(S + N)/N = 26 dB
−
2.2
4
µV
S/N
signal-to-noise ratio
VFMi =1mV
−
71
−
dB
fL
lower audio frequency
bandwidth limit
measured lower limit (
−3 dB);
fref = 1 kHz; measured with
pre-emphasis
−
40
70
Hz
fH
upper audio frequency
bandwidth limit
measured upper limit (
−3 dB);
fref = 1 kHz; measured with
pre-emphasis
12.5
14
−
kHz
α
AM
AM suppression
AM modulation m = 30%; fAF = 1 kHz
40
58
−
dB
THD
total harmonic distortion
−
1.5
3
%
VFMi
search sensitivity
search stop bits 17 and 16 = 0
−
12
36
µV
VFMi
large signal handling
DX mode; measured distortion = 10%
−
1000
−
mV
attRF
RF attenuation in local mode
15
20
30
dB
VFM
audio output voltage level
VFMi = 1 mV; ∆f = 75 kHz;
fAF = 400 Hz
700
850
−
mV
FM stereo
S/N
signal-to-noise ratio
VFMi = 1 mV
60
63
−
dB
α
cs
channel separation
fAF = 1 kHz; VFMi =1mV
22
28
−
dB
|∆I
O|
channel imbalance
fAF = 1 kHz; VFMi =1mV
−
0.5
3
dB
α19
carrier and harmonic
suppression
25
26
−
dB
α
38
carrier and harmonic
suppression
25
27
−
dB
α
stereo blend function
VFMi = 100 µV5
10
−
dB
THD
total harmonic distortion
−−
3%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com