Electronic Components Datasheet Search
  English  ▼

X  

OM5606 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OM5606
Description  Multimedia radio tuner
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5606 Datasheet(HTML) 2 Page - NXP Semiconductors

  OM5606 Datasheet HTML 1Page - NXP Semiconductors OM5606 Datasheet HTML 2Page - NXP Semiconductors OM5606 Datasheet HTML 3Page - NXP Semiconductors OM5606 Datasheet HTML 4Page - NXP Semiconductors OM5606 Datasheet HTML 5Page - NXP Semiconductors OM5606 Datasheet HTML 6Page - NXP Semiconductors OM5606 Datasheet HTML 7Page - NXP Semiconductors OM5606 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1995 Oct 10
2
Philips Semiconductors
Preliminary specification
Multimedia radio tuner
OM5604; OM5606
FEATURES
• Local/DX switching to improve large signal handling on
FM when an outdoor antenna or cable network is
connected
• Local/DX function provides different search levels which
are useful for spectrum analyser functions
• Three extra I/O expander ports are available for general
purpose (I2C-bus only)
• RDS-MPX signal available
• The module meets the “FCC regulations”
• The OM5604; OM5606 is in accordance with
“CENELEC EN55022” and “CENELEC EN50082-1”.
GENERAL DESCRIPTION
The OM5604; OM5606 is an FM-radio tuner which
includes a brand new concept in tuning techniques. The
new tuning concept combines the advantages of hand
tuning together with electronic facilities and features. The
tuner is I2C-bus controlled.
ANTENNA CONNECTOR
RF connector
• OM5604: F-connector (FM input impedance = 75 Ω)
• OM5606: IEC-connector (FM input impedance = 75 Ω).
ORDERING INFORMATION
UNIT
FREQUENCY (MHz)
BUS
RF CONNECTOR
FM I2C-bus
87.5 to 108
I2C-bus
F-connector for OM5604
IEC-connector for OM5606
Fig.1 OM5604; OM5606 connector.
handbook, full pagewidth
MBG196
15
9
37
11
26
10
48
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com