Electronic Components Datasheet Search
  English  ▼

X  

28605AS Datasheet(PDF) 2 Page - Belden Inc.

Part # 28605AS
Description  TC VN/PVC, 15 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

28605AS Datasheet(HTML) 2 Page - Belden Inc.

  28605AS Datasheet HTML 1Page - Belden Inc. 28605AS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal Conductor DCR
5.86 Ohm/1000ft
Current
Max. Recommended Current [A]
7 Amps per Conductor at 30ºC
Voltage
UL Description
UL Voltage Rating
Voltage Rating [V]
TC-ER
600 V RMS (Type TC) 600 V RMS (Type TC)
Temperature Range
UL Temp Rating:
90°C Dry, 75°C Wet
Operating Temperature Range:
-25°C To +90°C
Mechanical Characteristics
UV Resistance:
Yes
Min Bend Radius (Overall):
5.0 in
Standards
NEC/(UL) Compliance:
NPLF, TC-ER
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
Suitability
Suitability - Burial:
Yes
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 Vertical Tray Flame Test
IEEE Flammability:
1202
UL voltage rating:
600 V RMS (Type TC)
Related Part Numbers
Variants
Item #
Put-Up Type
28605AS 0105000 Reel
History
Update and Revision:
Revision Number: 0.48 Revision Date: 04-14-2023
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com