Electronic Components Datasheet Search
  English  ▼

X  

9429 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9429
Description  Portable Cordage, 20 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9429 Datasheet(HTML) 1 Page - Belden Inc.

  9429 Datasheet HTML 1Page - Belden Inc. 9429 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9429
Portable Cordage, 20 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
Product Description
Portable Cordage, 20 Conductor 16AWG (65x34) Bare Copper, EPDM Insulation, CPE Outer Jacket, UL Type SO
Technical Specifications
Product Overview
Suitable Applications:
extra hard service cordage; oil resistant applications; to power tools and appliances
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 20
16 AWG 65x34
BC - Bare Copper
Insulation
Element
Material
Nom.
Thickness
Nom. Insulation
Diameter
Color Code
Conductor(s)
EPDM - Ethylene Propylene
Diene Monomer
0.033 in (0.84
mm)
0.123 in (3.12 mm)
Black, White, Red, Green, Orange, Blue, White/Black, Red/Black, Green/Black, Orange/Black, Blue/Black, Black/White,
Red/White, Green/White, Blue/White, Black/Red, White/Red, Orange/Red, Blue/Red, Red/Green
Outer Shield
Material
No Shield
Outer Jacket
Separator
Material
Nom. Thickness Nom. Diameter Ripcord
Paper Tape CPE - Chlorinated Polyethylene (Thermoset) 0.1 in (2.5 mm)
0.862 in
Yes
Overall Cable Diameter (Nominal):
0.862 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
4.4 Ohm/1000ft
6 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
600 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-20°C To +60°C
Bend Radius
Stationary Min.
Installation Min.
8.62 in (219 mm) 8.62 in


Similar Part No. - 9429

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9429 KEYSTONE-9429 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
942998004 BELDEN-942998004 Datasheet
198Kb / 1P
5G/Wifi antenna, direct mount, SMAm
02-03-2025
942998005 BELDEN-942998005 Datasheet
250Kb / 1P
MIMO LTE MIMO WLAN GPS, FAKRAf, 3m cable
02-03-2025
942998006 BELDEN-942998006 Datasheet
250Kb / 1P
Roof 2x2 MIMO LTE GPS 3m FAKRAf
02-03-2025
942998007 BELDEN-942998007 Datasheet
249Kb / 1P
Roof 2x2 MIMO WLAN 3m FAKRAf
02-03-2025
More results

Similar Description - 9429

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9422 BELDEN-9422 Datasheet
138Kb / 2P
Portable Cordage, 7 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19206 BELDEN-19206 Datasheet
149Kb / 2P
Portable Cordage, 3 C #12 Str BC, EPDM Ins, CPE Jkt, UL Type SO
01-20-2023
9427 BELDEN-9427 Datasheet
139Kb / 2P
Portable Cordage, 16 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19202 BELDEN-19202 Datasheet
144Kb / 2P
Portable Cordage, 2 C #14 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19208 BELDEN-19208 Datasheet
145Kb / 2P
Portable Cordage, 3 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19228 BELDEN-19228 Datasheet
138Kb / 2P
Portable Cordage, 2 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SJO
05-05-2023
19204 BELDEN-19204 Datasheet
144Kb / 2P
Portable Cordage, 2 C #18 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19205 BELDEN-19205 Datasheet
148Kb / 2P
Portable Cordage, 3 C #10 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
9420 BELDEN-9420 Datasheet
142Kb / 2P
Portable Cordage, 5 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19203 BELDEN-19203 Datasheet
144Kb / 2P
Portable Cordage, 2 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com