Electronic Components Datasheet Search
  English  ▼

X  

C5701 Datasheet(PDF) 1 Page - Belden Inc.

Part # C5701
Description  Teck90 1000V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C5701 Datasheet(HTML) 1 Page - Belden Inc.

  C5701 Datasheet HTML 1Page - Belden Inc. C5701 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C5701
Teck90 1000V, 3+G C #14+14 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk
PVC Jkt, CSA HL SUN RES -40C
Product Description
Teck90 1000V, 3+G Conductor 14+14AWG (7x22H) Bare Copper, XLPE Insulation M4 Color Code, PVC Inner Jacket, Aluminum Interlock Armor, Black PVC
Outer Jacket, CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 3
14 AWG 7x23
BC - Bare Copper
Ground Wire
1
14 AWG 7x22
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) XLP, XLPO, XLPE (Thermoset) 0.045 in (1.1 mm) 0.162 in mm
Red, Black, Blue
Ground Wire
No Insulation
Outer Shield
Material
No Shield
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.047 in (1.2 mm) 0.442 in (11.2 mm)
Armor
Armor Type & Material
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.667 in (16.9 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 0.763 in
Yes
Overall Cable Diameter (Nominal): 0.763 in
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 2.67 Ohm/1000ft
24 Amps per Conductor at 30ºC
Ground Wire
2.67 Ohm/1000ft (8.76 Ohm/km)
Voltage
Voltage Rating


Similar Part No. - C5701

ManufacturerPart #DatasheetDescription
logo
Powerbox
C570 POWERBOX-C570 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Belden Inc.
C5700 BELDEN-C5700 Datasheet
140Kb / 2P
Teck90 1000V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
logo
Toshiba Semiconductor
C5703 TOSHIBA-C5703 Datasheet
165Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2016-09-27
logo
Sanyo Semicon Device
C5706 SANYO-C5706 Datasheet
507Kb / 10P
High-Current Switching Applications
C5706 SANYO-C5706 Datasheet
67Kb / 5P
High Current Switching Applications
More results

Similar Description - C5701

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6054 BELDEN-6054 Datasheet
151Kb / 2P
Teck90 600V, 33G C #121414 Str BC, XLPE Ins, PVC Jkt, AIA Armor,Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5501 BELDEN-C5501 Datasheet
163Kb / 2P
Teck90 600V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5508 BELDEN-C5508 Datasheet
141Kb / 2P
Teck90 600V, 10G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5502 BELDEN-C5502 Datasheet
164Kb / 2P
Teck90 600V, 4G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5529 BELDEN-C5529 Datasheet
141Kb / 2P
Teck90 600V, 40G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5538 BELDEN-C5538 Datasheet
151Kb / 2P
Teck90 600V, 10G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5518 BELDEN-C5518 Datasheet
164Kb / 2P
Teck90 600V, 20G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5621 BELDEN-C5621 Datasheet
162Kb / 2P
Teck90 1000V, 3G C #26 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5510 BELDEN-C5510 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5761 BELDEN-C5761 Datasheet
141Kb / 2P
Teck90 1000V, 3G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com