Electronic Components Datasheet Search
  English  ▼

X  

CCPPRI30 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCPPRI30
Description  IP65 illuminated pushbuttons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCPPRI30 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCPPRI30 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
187
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
22MM C ONTROL S WIT CHES
FM 28614
EMS 613558
IP65 illumina t ed pushbutt ons
Pr oduct o v ervie w
• Plastic IP65 illuminated flush pushbutton
switches
• 22mm diameter
• Momentary or latching
• Easy assemble contact block and support
module
• Additional button options to order
• Conforms to IEC 60947-5-1 EN60947-5-1
standards
• C
US
,
,
approved
SPECIFICATION
Rated voltage*
690V
Rated AC current
24V
240V
400V
10A
6A
4A
Rated DC current
24V
125V
250V
2.8A
0.55A
0.27A
Withstand voltage
8kV
Resistance
≤25mΩ
Material
Plastic
Thermoplastic body
Ingress protection
IP65**
IP20***
Mechanical durability
300,000
Operating temperature
-25°C to 70°C
PART NO.
LED COLOUR
CCPPRI30RD
Red
CCPPRI30GW
Green
CCPPRI30YW
Yellow
CCPPRI30BL
Blue
CCPPRI30CL
Transparent
CCPPRI30WH
White
PART NO.
DESCRIPTION
CCPIPP
Mounting plate
CCPIC0G
Green NO contact block
CCPIC1R
Red NC contact block
CCPICLB
Brown NO latching contact block
*According to IEC 60947-1 & EN60947-1
**Front of panel
***Rear of panel
LED COLOUR
12V
24 V
110V
230V
Red
CCPIC012R
CCPIC024R
CCPIC110R
CCPIC230R
Green
CCPIC012G
CCPIC024G
CCPIC110G
CCPIC230G
Yellow
CCPIC012Y
CCPIC024Y
CCPIC110Y
CCPIC230Y
Blue
CCPIC012B
CCPIC024B
CCPIC110B
CCPIC230B
White
CCPIC012W
CCPIC024W
CCPIC110W
CCPIC230W
NEW
CCPPRI30
A S SOCIATED PRODUCT S
C CS00G Y0 1
-
Electrical enclosur es
page 336 / 33 7
CAE series
-
Diecas t aluminium electrical enclosur es
page 409
CCPI
CCPIC


Similar Part No. - CCPPRI30

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
Compact Circuit Protector
logo
Crystek Corporation
CCP-033 CRYSTEKCRYSTAL-CCP-033 Datasheet
109Kb / 1P
14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
CCP-050 CRYSTEKCRYSTAL-CCP-050 Datasheet
108Kb / 1P
14 Pin Dip, 5V, PECL PECL Clock Oscillator
CCP-050CA-155.520 CRYSTEKCRYSTAL-CCP-050CA-155.520 Datasheet
109Kb / 1P
14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
CCP-050CA-25-155.520 CRYSTEKCRYSTAL-CCP-050CA-25-155.520 Datasheet
109Kb / 1P
14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
More results

Similar Description - CCPPRI30

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
Miniature Pushbuttons
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
Miniature Pushbuttons
logo
Schurter Inc.
HDT SCHURTER-HDT Datasheet
192Kb / 4P
NO 2pole, IP65, illuminated Data sheet / Specifications
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
Illuminated Pushbutton Switches IP40/IP65/IP67
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
Subminiature Pushbuttons
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
Miniature Pushbuttons
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com