Electronic Components Datasheet Search
  English  ▼

X  

13402 Datasheet(PDF) 1 Page - Heyco.

Part # 13402
Description  Heyco® PG and Metric Threaded Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

13402 Datasheet(HTML) 1 Page - Heyco.

  13402 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
Quick
Specs
3-52
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco® PG and Metric Threaded Plugs
Round Head with Slot
Plastic
A
B
Plastic TP Plugs
Brass TP Plugs
Material
Nylon 6/6 or Impact Resistant Polystrene
Nickel-Plated Brass with an NBR O-ring
Flammability Rating
94V-2
Temperature Range
-4° F (-20° C) to 176° F (80° C)
-40°F (-40° C) to 212°F (100°C)
IP Rating
IP 50
IP 68
THREAD
PART NO.
DESCRIPTION
PART DIMENSIONS
TYPE/SIZE
AB
Gray
Black
Head Diameter
Overall Height
in.
mm.
in.
mm.
PG Threads – Polystyrene
PG 7
3405
3405B
TP PG 7
.59
15,0
.32
8,0
PG 9
3407
3407B
TP PG 9
.75
19,0
.37
9,5
PG 11
3402
3402B
TP PG 11
.87
22,0
PG 13
3412
3412B
TP PG 13
.98
25,0
.39
10,0
PG 16
3414
3414B
TP PG 16
1.06
27,0
PG 21
3416
3416B
TP PG 21
1.30
33,0
.47
12,0
PG 29
3418
3418B
TP PG 29
1.73
44,0
PG 36
3415
3415B
TP PG 36
2.17
55,0
.55
14,0
PG 42
3400
3400B
TP PG 42
2.44
62,0
PG 48
3417
3417B
TP PG 48
2.72
69,0
.63
16,0
Metric Threads – Nylon
M12 x 1,5
3403
3403B
TP M12
.59
15,0
M16 x 1,5
3404
3404B
TP M16
.79
20,0
.41
10,5
M20 x 1,5
3406
3406B
TP M20
.95
24,0
M25 x 1,5
3408
3408B
TP M25
1.18
30,0
.51
13,0
M32 x 1,5
3409
3409B
TP M32
1.48
37,0
.53
13,5
M40 x 1,5
3410
3410B
TP M40
1.81
46,0
.55
14,0
M50 x 1,5
3411
3411B
TP M50
2.20
56,0
.63
16,0
M63 x 1,5
3413
3413B
TP M63
2.76
70,0
.71
18,0
Standard color gray and black. Consult Heyco for other colors.
THREAD
PART NO.
DESCRIPTION
PART DIMENSIONS
TYPE/SIZE
AB
Head Diameter
Overall Height
in.
mm.
in.
mm.
PG Threads
PG 7
13405
BRASS TP PG 7
.55
14,0
.31
8,0
PG 9
13407
BRASS TP PG 9
.67
17,0
.35
9,0
PG 11
13402
BRASS TP PG 11
.79
20,0
PG 13
13412
BRASS TP PG 13
.87
22,0
.37
9,5
PG 16
13414
BRASS TP PG 16
.94
24,0
PG 21
13416
BRASS TP PG 21
1.18
30,0
.43
11,0
PG 29
13418
BRASS TP PG 29
1.54
39,0
.47
12,0
PG 36
13415
BRASS TP PG 36
1.97
50,0
.59
15,0
PG 42
13400
BRASS TP PG 42
2.36
60,0
.63
16,0
PG 48
13417
BRASS TP PG 48
2.56
65,0
Metric Threads
M6 x1.0
13397
BRASS TP M6*
.35
9,0
M8 x1.25
13398
BRASS TP M8*
.39
10,0
M10 x1.5
13399
BRASS TP M10*
.47
12,0
.31
8,0
M12 x 1,5
13403
BRASS TP M12
.55
14,0
M16 x 1,5
13404
BRASS TP M16
.75
19,0
M20 x 1,5
13406
BRASS TP M20
.94
24,0
.35
9,0
M25 x 1,5
13408
BRASS TP M25
1.10
28,0
.43
11,0
M32 x 1,5
13409
BRASS TP M32
1.38
35,0
.47
12,0
M40 x 1,5
13410
BRASS TP M40
1.77
45,0
.55
14,0
M50 x 1,5
13411
BRASS TP M50
2.17
55,0
.59
15,0
M63 x 1,5
13413
BRASS TP M63
2.76
70,0
.63
16,0
* Metric course-pitch threads
Nickel-Plated Brass
• Used to close unneeded PG and Metric
threaded holes when other threaded
accessories may be added at a later time.
• Designed with slot for screwdriver
installation
• For PG Threaded specifications, see
page 3-57.
• For Heyco Snap-In Metric Dome Plugs,
see page 6-30.
• Nickel-Plated Brass Plugs are ideal where
extra durability and strength are needed
such as harsh environmental conditions.
• Nickel-Plated Brass Plugs include NBR
O-ring
A
B
NBR O-RING
A
B
NBR O-RING
PG
Metric


Similar Part No. - 13402

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
13402 TURCK-13402 Datasheet
330Kb / 3P
Inductive Sensor
11/07/2023
logo
Atom Lighting
13402 ATOM-13402 Datasheet
721Kb / 2P
AT9498
31st of January 2025 06:02:50
logo
PHOENIX CONTACT
1340254 PHOENIX-1340254 Datasheet
216Kb / 6P
P-DI-MP HV OG - Isolating plug
More results

Similar Description - 13402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2008 ETC2-C2008 Datasheet
357Kb / 1P
HEYCo-molded Liquid Tight Break-Thru Plugs
logo
Heyco.
15200 HEYCO-15200 Datasheet
218Kb / 1P
Heyco® Edge Clips
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
1970 HEYCO-1970 Datasheet
94Kb / 1P
Heyco® Foam Washers
2242 HEYCO-2242 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
3544B HEYCO-3544B Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3830 HEYCO-3830 Datasheet
282Kb / 1P
Heyco® TPE Liquid Tight Hole Plugs
8904 HEYCO-8904 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
40430 HEYCO-40430 Datasheet
81Kb / 1P
Heyco® PG Hub Liquid Tight Cordgrip DIN 40430 Specifications
G6000 HEYCO-G6000 Datasheet
90Kb / 1P
Heyco® Retaining Sealing Washers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com