Electronic Components Datasheet Search
  English  ▼

X  

CE41 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CE41
Description  40mm wide limit switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE41 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CE41 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
195
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
LIMIT S WIT CHES
40mm wide limit s wit ches
Pr oduct o v ervie w
• 40mm width
• Double insulated plastic
• Plastic option to IP65
• Metal option to IP66
• Snap action contacts
• C
US
,
approve
SPECIFICATION
Rating
500V
Shock withstand
50g
Impulse withstand voltage
6kV
Working temperture
-25°C to +70°C
Switching frequency
3600 cycles/h
Load factor
0.5
Short circuit protection
10A gG fuse
CE 41
IP66 METAL CASING
IP65 PLASTIC CASING
PLUNGER TYPE
MAX ACTUATION SPEED
ACTUATION / NC OPERATION
CE41.00.AM
CE41.00.AP
Plain plunger
0.5ms-1
30N/45N
CE41.00.BM
CE41.00.BP
Steel roller plunger
0.3ms-1
22N/40N
CE41.00.HM
CE41.00.HP
Adjustable rod lever
1.5ms-1
0.15Nm/0.30Nm
CE41.00.GM
CE41.00.GP
Adjustable rod lever
1.3ms-1
0.15Nm/0.30Nm
CE41.00.EM
CE41.00.EP
Roller lever nylon
1.5ms-1
0.15Nm/0.30Nm
CE41.00.EM/50
CE41.00.EP/50
Rubber roller lever
1.5ms-1
0.15Nm/0.30Nm
CE41.00.TM
CE41.00.TP
Pull action with ring
0.5ms-1
25N/-
CE41.00.FM
CE41.00.FP
Adjustable roller lever
1.5ms-1
0.15Nm/0.30Nm
CE41.00.FM/50
CE41.00.FP/50
Adjustable rubber roller lever
1.5ms-1
0.15Nm/0.30Nm
CE41.00.KM
CE41.00.KP
One way roller
1.5ms-1
12N/40N
CE41.00.LSM
CE41.00.LSP
Stainless steel spring
1.0ms-1
0.18Nm/-
CE41.00.LM
CE41.00.LP
Stainless steel spring multi-directional
1.0ms-1
0.18Nm/-
Plain plunger
Steel roller plunger
Adjustable rod lever
Adjustable rod lever
Roller lever nylon
Rubber roller lever
Pull action with ring
Adjustable roller lever
One way roller
Stainless steel spring
Stainless steel spring multi-directional
Adjustable rubber roller lever
Ø10
16
Ø12
5
10
16
30Y
7
Ø3
60
48.5
7
Ø6
60
48.5
Ø22
59
53.7
38.2
6
52
Ø50
57
9
52
64.5
Ø7
16
Ø7
16
Ø1.3
Ø24
16
Ø22
60
58
53
45
6
60
62.5
55
9
43
Ø50
30Y
6
16
34


Similar Part No. - CE41

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE41.00.S5M CAMDENBOSS-CE41.00.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.00.S5P CAMDENBOSS-CE41.00.S5P Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.00.TM CAMDENBOSS-CE41.00.TM Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.01.S5M CAMDENBOSS-CE41.01.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.01.S5P CAMDENBOSS-CE41.01.S5P Datasheet
376Kb / 2P
Safe t y l i m i t switches
More results

Similar Description - CE41

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE21 CAMDENBOSS-CE21 Datasheet
663Kb / 1P
50mm wide IP66 limit switches
CE31 CAMDENBOSS-CE31 Datasheet
695Kb / 1P
60mm wide limit switches
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
30mm wide pre-wired limit switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com