Electronic Components Datasheet Search
  English  ▼

X  

CCTTROFBK Datasheet(PDF) 3 Page - CamdenBoss Ltd.

Part # CCTTROFBK
Description  22mm diamete r contro l switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCTTROFBK Datasheet(HTML) 3 Page - CamdenBoss Ltd.

  CCTTROFBK Datasheet HTML 1Page - CamdenBoss Ltd. CCTTROFBK Datasheet HTML 2Page - CamdenBoss Ltd. CCTTROFBK Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
22MM C ONTROL S WIT CHES
190
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
PART NO.
TYPE
CCTTC1R
Red NC
CCTTC0G
Green NO
C ontact block
CCTTC1R / CCTTC0G
• NO and NC contact blocks
• Screw fixed to mounting plate
• Can be stacked side by side/piggybacked
PART NO.
TYPE
CCTTP
Metal mounting plate
CCTTPP
Plastic mounting pate
Mounting pla t e
• Mounting plate for contact blocks
• Holds 1 or 2 NO or NC contact blocks
• Metal plate must be used with metal switches
• Plastic to be used with plastic bodied switches
PART NO.
TYPE
CC10B
Green NO contact + metal base
CC01B
Red NC contact + metal base
CC10B/P
Green NO contact + plastic base
CC01B/P
Red NC contact + plastic base
C ontact block with mounting pla t e
• Contact blocks and mountings plates as above supplied as
one assembly
• Plastic plate must be used with plastic switches
• Metal to be used with metal
PART NO.
TYPE
CCTTRDCCL
Clear dust cap
Dus t cap
CCTTRDCCL
• Clear silicone dust cap for push button switches
• Other colours to order
PART NO.
TYPE
CCTTKRD
Red
CCTTKBK
Black
K e y s f or E-s t op k e y r elease
CCTTKRD / CCTTKBK
PART NO.
TYPE
CCTTBES
60mm diameter e-stop
CCTTBNP
Name plate blank
Butt on surr ounds
CCTTBES
• Yellow engraved text emergency stop
• Black name plate with recessed label area
CCTTP / CCTTPP
CCTTC1R/ CCTTC0G / CCTTPP
26
12
45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com