Electronic Components Datasheet Search
  English  ▼

X  

CCTTM40LR Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CCTTM40LR
Description  22mm diamete r contro l switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCTTM40LR Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CCTTM40LR Datasheet HTML 1Page - CamdenBoss Ltd. CCTTM40LR Datasheet HTML 2Page - CamdenBoss Ltd. CCTTM40LR Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
189
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
22MM C ONTROL S WIT CHES
METAL BODIED
PLA S TIC BODIED
S TYLE
COLOUR
CCTTRSTWH
N/A
Start
White
CCTTRSPBK
N/A
Stop
Black
CCTTRONWH
N/A
On
White
CCTTROFBK
N/A
Off
Black
S tart/s t op push butt ons
METAL BODIED
PLA S TIC BODIED
COLOUR
CCTTM41LB
CCTPM41LB
Black
CCTTM41LR
CCTPM41LR
Red
40mm E-s t op k e y r elease push butt ons
METAL BODIED
PLA S TIC BODIED
COLOUR
CCTTM40LB
CCTPM40LB
Black
CCTTM40LR
CCTPM40LR
Red
40mm E-s t op twis t r elease push butt ons
CCTTRSTWH
CCTTM41LB
CCTTM40LR
Black button - extended height
METAL BODIED
PLA S TIC BODIED
COLOUR
CCTTM60LB
CCTPM60LB
Black
CCTTM60LR
CCTPM60LR
Red
60mm E-s t op twis t push butt ons
CCTTM60LR
METAL
BODIED
PLA S TIC
BODIED
POSITIONS
STYLE
CCTTSS211
CCTPSS211
2
Maintained left and right
CCTTSS210
CCTPSS210
2
Return left
CCTTSS311
CCTPSS311
3
Maintained left, centre
and right
CCTTSS300
CCTPSS300
3
Return to centre from left
and right
CCTTSS301
CCTPSS301
3
Return to centre from left,
maintained right
CCTTSS310
CCTPSS310
3
Return to centre from right,
maintained left
Select or s wit ch
CCTTSS211
• Black short lever, 2 and 3 position selector switch
• Maintained and spring return options
White
Black
CCTTRSPBK
12
45
19
45
24
31
45
31
45
31
45
27
45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com