Electronic Components Datasheet Search
  English  ▼

X  

CFH14 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFH14
Description  5x20mm semi-enclosed PCB mounting 15mm pitch fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFH14 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFH14 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
219
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
FUSEHOLDERS
Pr oduct o v ervie w
• PCB mounting
• Fuse retaining insulation cover
• Enclosed contacts
• 15mm pitch
• Moulded in green UL94-V0 flame
retardant PA
• EN60127-6
• C
US
,
,
approved
5x20mm semi-enclosed PCB
mounting 15mm pit ch fuseholders
PART NO.
TYPE
CFH17S
With spigot
CFH17
No spigot
SPECIFICATION
Rating
VDE - 6.3A/250VAC
UL - 20A/250VAC
Contacts/resistance
Tinned, nickel plated
Brass,<5mΩ
Moulding
UL94-V0 flame retardant
PA
Dielectric strength
3kV / 60"
Power dissipation
1.6W
Recommended PCB hole size
1.5mm
Insulation resistance
100MΩ
Operating temperature
-30°C to +85°C
Shocksafe category
PC1
5x20mm semi-enclosed PCB
mounting 22.6mm pit ch fuseholders
Pr oduct o v ervie w
• PCB mounting
• Fuse retaining insulation cover
• Enclosed contacts
• 22.6mm pitch
• Moulded in UL94-V0 flame
retardant PA
• EN60127-6
• C
US
,
,
approved
(Approvals do not apply to cover)
CFH17S
PART NO.
TYPE
CFH14
No spigot
CFH14HB
Cover (black)
SPECIFICATION
Rating
VDE - 6.3A/250VAC
UL - 20A/250VAC
Contacts/resistance
Tinned, nickel plated brass,<5mΩ
Moulding
UL94-V0 flame retardant PA
Dielectric strength
3kV / 60"
Power dissipation
1.6W (VDE)
Recommended PCB hole size
1.5mm
Insulation resistance
100MΩ
Operating temperature
-30°C to +85°C
Shocksafe category
PC1
CFH14 and CFH14HB
CFH14HB
24.4
9.4
9
CFH14
9.4
24.4
22.6
0.5
CFH17
9.4
24.4
15
15
0.5x1.2
Recommended spigot hole 2.6mm
9.4
24.4
15
15
0.5x1.2
Vers 2


Similar Part No. - CFH14

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH14 CAMDENBOSS-CFH14 Datasheet
512Kb / 1P
5x20mm semi-enclosed PCB mounting 15mm pitch fuseholders
CFH14HB CAMDENBOSS-CFH14HB Datasheet
512Kb / 1P
5x20mm semi-enclosed PCB mounting 15mm pitch fuseholders
More results

Similar Description - CFH14

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH3 DUBILIER-DBCFH3 Datasheet
93Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH5 DUBILIER-DBCFH5 Datasheet
96Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH7 DUBILIER-DBCFH7 Datasheet
90Kb / 1P
FUSEHOLDERS PCB MOUNTING 5x20mm
DBCFH9 DUBILIER-DBCFH9 Datasheet
130Kb / 1P
FUSEHOLDERS PANEL MOUNTING 5x20mm
logo
CamdenBoss Ltd.
CFH04 CAMDENBOSS-CFH04 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH05 CAMDENBOSS-CFH05 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH08 CAMDENBOSS-CFH08 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH09 CAMDENBOSS-CFH09 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH17 CAMDENBOSS-CFH17 Datasheet
512Kb / 1P
5x20mm semi-enclosed PCB mounting 15mm pitch fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com