Electronic Components Datasheet Search
  English  ▼

X  

CPA Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CPA
Description  Piezo ex i t switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CPA Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CPA Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
PIEZ O S WIT CHES AND KEYPAD S
208
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
FM 28614
EMS 613558
Pie z o e xit s wit ch
Pr oduct o v ervie w
A vandal proof exit switch for users operating in harsh
environment, high traffic areas
• Sealed in a rugged, weatherised stainless steel enclosure
• Vandal resistant, tamper resistant, weather and dust
resistant to IP68
• Programmable ‘door open’ time, ‘fail secure/fail safe’
option selectable
• Green LED ‘relay on’ and red LED ‘relay off’ reversible
• 5 year guarantee
SPECIFICATION
Input voltage
12-24VDC
Switching current
1.5A Max
Actuation force
3-5N
Make impulse time
1 to 60 seconds
Operating temperature
-20°C to 70°C
Storage temperature
-40°C to 85°C
Ingress protection
IP68
Electrical lifetime
15 million operations
Current consumption
40mA idle, 80mA active
PART NO.
TYPE
CPA-EXIT-SW
Exit switch
CPA-EXIT-SW
KEY FEATURES
Anti- v andal design | Multiple function | R e v ersable LED action
CPA-EXIT-SW
38
Fail safe pins 2&3
Fail secure pins 1&2
Potting
Shield
3
25
44
(+)
Positive 12-24 V DC
(-)
Negative 12-24 V DC
(NO-1)
Normally open
(COM-1)
Common 1
(COM-2)
Common 2
(NC-2)
Normally closed
(GRD)
Green/yellow wire for ground


Similar Part No. - CPA

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
CPA-0501-510 PDI-CPA-0501-510 Datasheet
53Kb / 1P
SURFACE MOUNT COUPLER
CPA-0501-510H PDI-CPA-0501-510H Datasheet
72Kb / 1P
SURFACE MOUNT COUPLER
CPA-1001-716 PDI-CPA-1001-716 Datasheet
53Kb / 1P
SURFACE MOUNT COUPLER
CPA-1001-716H PDI-CPA-1001-716H Datasheet
73Kb / 1P
SURFACE MOUNT COUPLER
logo
Teledyne Technologies I...
CPA-13-6003 TELEDYNE-CPA-13-6003 Datasheet
894Kb / 2P
Amplifier 6 GHz - 13 GHz
More results

Similar Description - CPA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO22 SCHURTER-PSENO22_18 Datasheet
1Mb / 8P
Piezo Switch N.O.
PSENO16 SCHURTER-PSENO16 Datasheet
696Kb / 6P
Piezo Switch N.O.
PSENO30 SCHURTER-PSENO30 Datasheet
890Kb / 7P
Piezo Switch N.O.
logo
PHOENIX CONTACT
2835341 PHOENIX-2835341 Datasheet
399Kb / 15P
Ex-i NAMUR Isolation Amplifier
2864574 PHOENIX-2864574 Datasheet
76Kb / 5P
Temperature measuring transducer - MCR-FL-T-LP-I-EX
logo
Pepperl+Fuchs Inc.
ENT-DC-30 PF-ENT-DC-30 Datasheet
563Kb / 2P
Ex i power supply
logo
Schurter Inc.
PSENO16 SCHURTER-PSENO16_V02 Datasheet
668Kb / 5P
Piezo Switch N.O.
05.01.2022
PSEWITHCABLE SCHURTER-PSEWITHCABLE_V01 Datasheet
546Kb / 4P
Piezo Switch N.O.
05.01.2022
PSENO30 SCHURTER-PSENO30_V01 Datasheet
892Kb / 7P
Piezo Switch N.O.
05.01.2022
PSENO22 SCHURTER-PSENO22_V01 Datasheet
1Mb / 8P
Piezo Switch N.O.
07.02.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com