Electronic Components Datasheet Search
  English  ▼

X  

RF100AXB Datasheet(PDF) 2 Page - Marathon Special Products

Part # RF100AXB
Description  Reinforced Class H and K Fuse Holder 100Amps,250VoltsAC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

RF100AXB Datasheet(HTML) 2 Page - Marathon Special Products

  RF100AXB Datasheet HTML 1Page - Marathon Special Products RF100AXB Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wire Approvals:
Wire
Torque
Copper Wire Stranding Classes - Number of Conductors
Size
N-m
In. lbs.
Solid
Class B
Class C
2/0 AWG
13.6
120
1
1
1/0
13.6
120
1
1
113.6
120
1
1
213.6
120
1
1
413.6
120
1
1
613.6
120
1
1
84.5
40
1
1
10
4.0
35
1
1
1
12
4.0
35
1
1
1
14
4.0
35
11
1
Aluminum Stranded Wire Range: 2/0 – 12 AWG
•
Wire strip length – 1 5/16”
•
Hex key required – 5/16”
•
Panel mountable: # 1/4” fastener, torque to 30 - 40 in. lbs. (3.4 - 4.5 N-m)
Wire Approvals:
•
Cover: CHR2100. Glass-filled polycarbonate (thermoplastic). 125°C (UL RTI),
Flammability rating UL 94 V-0, UL Listed File No. JDVS2.181825.
WWW.MARATHONSP.COM
1-419-352-8441
PDS 0163 REV C 9/07/11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com