Electronic Components Datasheet Search
  English  ▼

X  

RF60AXB Datasheet(PDF) 1 Page - Marathon Special Products

Part # RF60AXB
Description  250 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

RF60AXB Datasheet(HTML) 1 Page - Marathon Special Products

  RF60AXB Datasheet HTML 1Page - Marathon Special Products RF60AXB Datasheet HTML 2Page - Marathon Special Products RF60AXB Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
RF60AXB
Replace “X” with 1 or 3 for number of poles
Electrical Ratings
• 31 - 60A max (amperage rating based on maximum fuse rating for that physical size)
• 250 Volts AC/DC
• Approved for 10,000 Amp Withstand Rating
Agency Compliance
• UL Listed, Fuseholder standards UL 4248-1 and UL 4248-6.
• UL File No. IZLT.E35113
• CSA Certified, CSA C22.2 No. 39 – M1987, File No. LR21455
• RoHS Compliant
Material Information
• Insulator base temperature rating: -40°C/F to 125°C (257°F) UL RTI
• Flammability rating of insulator base: UL 94 V-0
• Touch protection: IP-20 (IEC 60529) with optional cover CHR630 (See accessories)
•Use outside these ratings needs to be judged in the end-use application.
• Fuse Clip: Copper alloy, tin plated
• Box Connector: High conductivity aluminum, tin plated
• Reinforcing Spring: Steel, zinc plated
• Insulator base: glass filled polycarbonate (thermoplastic)
• Terminal set screws: Steel, nickel plated
• Connector mounting screws: Steel, zinc plated
Wire Range
• #2 - #14 AWG Copper
#2 - #12 AWG Aluminum
Holds Fuse size 13/16” diameter X 3”
Commonly used fuses in this holder: A2Y, CRN, NLN, NON, NRN, OT, OTN, RLN, RF
Class H Fuse Holder - Reinforced


Similar Part No. - RF60AXB

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
RF60AXSQ MARATHON-RF60AXSQ Datasheet
433Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
More results

Similar Description - RF60AXB

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
F200AXBE MARATHON-F200AXBE Datasheet
174Kb / 2P
250 Volts AC/DC
REV-F 03/13/2020
R200AXBE MARATHON-R200AXBE Datasheet
196Kb / 2P
250 Volts AC/DC
REV-F 03/12/2020
R30AXB MARATHON-R30AXB Datasheet
218Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
R30AXS MARATHON-R30AXS Datasheet
296Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
R30AXSP MARATHON-R30AXSP Datasheet
249Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
R60AXB MARATHON-R60AXB Datasheet
199Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
RF30AXB MARATHON-RF30AXB Datasheet
287Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
RF30AXS MARATHON-RF30AXS Datasheet
189Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
RF30AXSP MARATHON-RF30AXSP Datasheet
190Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
RF60AXSQ MARATHON-RF60AXSQ Datasheet
433Kb / 3P
250 Volts AC/DC
REV-E 04/07/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com