Electronic Components Datasheet Search
  English  ▼

X  

CS028 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CS028
Description  COMPACT SEMICONDUCTOR FAN HEATER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CS028 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CS028 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24
L
N
PRODUCT CATALOGUE - STEGO
HEATING
These fan heaters prevent formation of condensation and provide an evenly distributed interior air temperature in
enclosures with electric/electronic components. The heaters are connected using the internal terminal connectors.
The small size of the CS / CSL 028 heaters make them ideal for use in enclosures where space is at a premium.
> Small, compact design
> Quiet in operation
> Dynamic heating up
> Clip or screw fixing
Fan Heaters CSL 028/CS 028
with clip fixing
Example of connection
Fan Heater
CS 028/CSL 028
Thermostat
FTO 011 (NC)
Heating capacity / Ambient temperature diagram
CS 028 / CSL 028
Temperature ( °C)
COMPACT SEMICONDUCTOR FAN HEATER
CS 028 / CSL 028 | 150 W to 400 W
TECHNICAL DATA
Heating element
PTC resistor – temperature limiting
Axial fan, ball bearing
air flow, free flow
CS 028: 13.8 m³/h
CSL 028: 45 m³/h (AC 230 V), 54 m³/h (AC 120 V)
service life 40,000 h at +40 °C (+104 °F)
Connection
2-pole clamp max. 2.5 mm² (CSL 028 with strain relief),
clamping screw torque 0.8 Nm max.
Casing
plastic according to UL94 V-0, black
Mounting
clip for 35 mm DIN rail, EN 60715 or screw fixing (Ø 5.3 mm)
Fitting position
vertical airflow (air outlet up)
Dimensions
see drawings
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
Note
other voltages on request
Fan Heaters CSL 028/CS 028
with screw fixing
FAN HEATER CS 028
FAN HEATER CSL 028
Art. No.
clip fixing
Art. No.
screw fixing
Operating voltage
Heating
capacity¹
Inrush current
max.
Recommended pre-fuse T
(time-delay)
Weight
(approx.)
Approvals
02811.0-00
02811.0-01
AC 230 V, 50/60 Hz
250 W
9.0 A
10.0 A
0.5 kg
VDE
UL File No. E234324
EAC
02810.0-00
02810.0-01
AC 230 V, 50/60 Hz
400 W
15.0 A
16.0 A
0.5 kg
VDE
UL File No. E234324
EAC
02811.9-00
02811.9-01
AC 120 V, 50/60 Hz
250 W
6.0 A
10.0 A
0.5 kg
-
UL File No. E234324
EAC
02810.9-00
02810.9-01
AC 120 V, 50/60 Hz
400 W
9.0 A
10.0 A
0.5 kg
-
UL File No. E234324
EAC
¹ at +20 °C (+68 °F) ambient temperature
Art. No.
clip fixing
Art. No.
screw fixing
Operating voltage
Heating
capacity¹
Inrush current
max.
Recommended pre-fuse T
(time-delay)
Weight
(approx.)
Approvals
02800.0-00
02800.0-01
AC 230 V, 50/60 Hz
150 W
12.0 A
10.0 A
0.3 kg
VDE
UL File No. E234324
EAC
02800.9-00
02800.9-01
AC 120 V, 50/60 Hz
150 W
6.0 A
10.0 A
0.3 kg
-
UL File No. E234324
EAC
24TECHNICAL DATASHEET


Similar Part No. - CS028

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CS02 ICE-CS02 Datasheet
330Kb / 2P
Common Mode Choke
logo
Token Electronics Indus...
CS02 TOKEN-CS02 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS02 ETC-CS02 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
ice Components, Ins.
CS02-131-2R ICE-CS02-131-2R Datasheet
330Kb / 2P
Common Mode Choke
CS02-131-2R ICE-CS02-131-2R Datasheet
307Kb / 2P
Common Mode Choke
More results

Similar Description - CS028

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS030 STEGO-CS030 Datasheet
245Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CS130 STEGO-CS130 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGL046 STEGO-HGL046 Datasheet
204Kb / 1P
COMPACT FAN HEATER
19.03.2019
RC016 STEGO-RC016 Datasheet
167Kb / 1P
SMALL SEMICONDUCTOR HEATER
9.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com