Electronic Components Datasheet Search
  English  ▼

X  

ST60100C Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # ST60100C
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST60100C Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  ST60100C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST60100C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST60100C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST60100C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST60100C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST60100C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD ST60100C Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Data Sheet N1505, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST60100C
STB60100C
STF60100C
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
ST60100C
STB60100C
STF60100C
Units
Junction Temperature
TJ
-55 to +150
C
Storage Temperature
Tstg
-55 to +150
C
Typical Thermal Resistance Junction to
Case(Per Leg)
RJC
2.8
2.8
5
C/W
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop(Per Leg)*
VF1
@ 5A, Pulse, TJ = 25 C
@ 10A, Pulse, TJ = 25 C
@ 15A, Pulse, TJ = 25 C
@ 20A, Pulse, TJ = 25 C
@ 30A, Pulse, TJ = 25 C
0.47
0.54
0.61
0.68
0.82
-
-
0.68
-
0.90
V
VF2
@ 5A, Pulse, TJ = 125 C
@ 10A, Pulse, TJ = 125 C
@ 15A, Pulse, TJ = 125 C
@ 20A, Pulse, TJ = 125 C
@ 30A, Pulse, TJ = 125 C
0.38
0.51
0.58
0.64
0.74
-
-
0.65
-
0.80
V
Reverse Current(Per Leg)*
IR1
@VR = 70V,TJ = 25 C
@VR = 100V,TJ = 25 C
0.012
0.030
-
1
mA
IR2
@VR = 70V,TJ = 125 C
@VR = 100V,TJ = 125 C
10
15
-
75
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
845
-
pF
Thermal-Mechanical Specifications:
Tube Specification
Tube Specification(TO-220AB/ITO-220AB)
Device
Package
Weight
Shipping
ST60100C
TO-220AB
2.0
50pcs / tube
STB60100C
D²PAK
1.85
800pcs / reel
STF60100C
ITO-220AB
2.0
50pcs / tube



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com