Electronic Components Datasheet Search
  English  ▼

X  

CSK060 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CSK060
Description  TOUCH-SAFE SMALL HEATER (SEMICONDUCTOR)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CSK060 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CSK060 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17
L
N
STEGO - PRODUCT CATALOGUE
TECHNICAL DATA
Operating voltage
AC/DC 120 –240 V¹ (min. 110 V, max. 265 V)
Heating element
PTC resistor – temperature limiting
Surface temperature
< +85 °C (+185 °F) (according to VDE 0100),
except upper protective grille
Connection
2-pole terminal 2.5 mm², torque 0.8 Nm max.
Casing
plastic according to UL94 V-0, black
Dimensions
98 x 38 x 75 mm
Mounting
clip for 35mm DIN rail, EN 60715
Fitting position
vertical airflow (air outlet up, connection on bottom)
Operating/Storage temperature
-45 °C to +70 °C (-49 °F to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
Approvals
VDE, UL File No. E150057, EAC
Note
other voltages on request
¹ Operating with voltages below AC/DC 140 V reduces heating performance by approx 10 %.
The heaters are used in enclosures where condensation is to be prevented or the temperature may not fall below
a minimum value. In this way corrosion is avoided and an even temperature is ensured. The heaters are designed
for permanent operation.
> Low surface temperature
> Double insulated (plastic housing)
> Wide voltage range
> Dynamic heating up
> Clip fixing
Example of connection
Thermostat
FTO 011 (NC)
Heater CSK 060
Art. No.
Heating capacity²
Inrush current max.
Recommended pre-fuse T (time-delay)
Weight (approx.)
06040.0-00
10 W
1.0 A
2.0 A
0.2 kg
06030.0-00
20 W
2.5 A
4.0 A
0.3 kg
06050.0-00
30 W
2.5 A
4.0 A
0.3 kg
² at +20 °C (+68 °F) ambient temperature
TOUCH-SAFE SMALL HEATER (SEMICONDUCTOR)
CSK 060 | 10 W, 20 W, 30 W
HEATING
17
TECHNICAL DATASHEET


Similar Part No. - CSK060

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
CSK-1120-101 CONTRINEX-CSK-1120-101 Datasheet
160Kb / 2P
Kapazitiver N채herungsschalter
CSK-1120-103 CONTRINEX-CSK-1120-103 Datasheet
160Kb / 2P
Kapazitiver N채herungsschalter
CSK-1120-111 CONTRINEX-CSK-1120-111 Datasheet
150Kb / 2P
Kapazitiver N채herungsschalter
CSK-1120-201 CONTRINEX-CSK-1120-201 Datasheet
163Kb / 2P
Kapazitiver N채herungsschalter
CSK-1120-203 CONTRINEX-CSK-1120-203 Datasheet
163Kb / 2P
Kapazitiver N채herungsschalter
More results

Similar Description - CSK060

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CS060 STEGO-CS060 Datasheet
269Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CSF060 STEGO-CSF060 Datasheet
217Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGK047 STEGO-HGK047 Datasheet
161Kb / 1P
SMALL SEMICONDUCTOR HEATER
24.08.2020
RC016 STEGO-RC016 Datasheet
167Kb / 1P
SMALL SEMICONDUCTOR HEATER
9.03.2019
RCE016 STEGO-RCE016 Datasheet
150Kb / 1P
SMALL SEMICONDUCTOR HEATER
28.08.2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com