Electronic Components Datasheet Search
  English  ▼

X  

CHDX8-221 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CHDX8-221
Description  X6 Series IP67 Electrical Knockout Enclosure - Polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDX8-221 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CHDX8-221 Datasheet HTML 1Page - CamdenBoss Ltd. CHDX8-221 Datasheet HTML 2Page - CamdenBoss Ltd. CHDX8-221 Datasheet HTML 3Page - CamdenBoss Ltd. CHDX8-221 Datasheet HTML 4Page - CamdenBoss Ltd. CHDX8-221 Datasheet HTML 5Page - CamdenBoss Ltd. CHDX8-221 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
320
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
FM 28614
Vers 4
X6 Series IP6 7 Electrical Knock out
Enclosur e - ABS
Pr oduct o v ervie w
• Screw type lid with knockouts on the base
• Moulded in high quality ABS
• Pillars in the base can be used for PCB
mounting or DIN rail mounting, etc.
• Gasket moulded into the enclosure lid
• Clear lid option available
• Captive, polyamide lid screws included
• Larger sizes include two brass inserts at either
end of the base, suitable for DIN rails
• Wall mounting accessories available
• X6 series meets the requirements of IP67
(equivalent to NEMA 6)
• IK08 impact tested
CHDX6
SPECIFICATION
Materials
ABS UL94-HB
Operating temperature
-40°C- to + 70°C
Protection class
X6 series has been tested and
meets the requirements of IP67,
IK08
Standard colours
Grey, transparent lid option
Standard unit includes
Box, lid, 4 screws
Available accessories
Mount plates and wall mounts
SOLID LID
CLEAR LID
LENG TH
WIDTH
HEIGHT
CHDX6-321
CHDX6-321C
110mm
80mm
70mm
CHDX6-322
CHDX6-322C
110mm
80mm
85mm
CHDX6-323
CHDX6-323C
130mm
80mm
70mm
CHDX6-324
CHDX6-324C
130mm
80mm
85mm
CHDX6-325
CHDX6-325C
180mm
80mm
70mm
CHDX6-326
CHDX6-326C
180mm
80mm
85mm
CHDX6-327
CHDX6-327C
250mm
80mm
70mm
CHDX6-328
CHDX6-328C
250mm
80mm
85mm
CHDX6-329
CHDX6-329C
175mm
127mm
75mm
CHDX6-330
CHDX6-330C
175mm
127mm
100mm
KEY FEATURES
High quality ABS | IP6 7 r a t ed enclosur e | IK0 7/ 08 impact t es t ed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com