Electronic Components Datasheet Search
  English  ▼

X  

TIP122 Datasheet(PDF) 1 Page - Silicon Supplies

Part # TIP122
Description  NPN Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TIP122 Datasheet(HTML) 1 Page - Silicon Supplies

  TIP122 Datasheet HTML 1Page - Silicon Supplies TIP122 Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.siliconsupplies.com
Die Size
(Excluding Saw Street)
2500 x 2500
98 x 98
µm
mils
Emitter Pad Size
492 x 786
19.37 x 30.95
µm
mils
Base Pad Size
606 x 606
23.86 x 23.86
µm
mils
Die Thickness
260 (±25)
10.2 (±1)
µm
mils
Top Metal Composition
Al
Back Metal Composition
Ti/Ni/Ag
NPN Transistor Bare Die – TIP122
Bipolar Darlington Power Transistor in bare die form
Complement to PNP TIP127
Collector current up to 5A
Low VCE(sat)
Very high hFE
Solderable back metal
High Reliability tested grades for Military + Space
Rev 1.0
22/08/23
Features:
Die Dimensions in µm (mils)
2500 (98)
DIE BACK = COLLECTOR
Ordering Information:
The following part suffixes apply:
No suffix - Commercial grade die
“H” – Hi-rel grade die + MIL-STD-38534 Class H LAT
“K” – Hi-rel grade die + MIL-STD-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
BASE


Similar Part No. - TIP122

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP122 MOSPEC-TIP122 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP122 MOTOROLA-TIP122 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP122 POINN-TIP122 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP122 STMICROELECTRONICS-TIP122 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Boca Semiconductor Corp...
TIP122 BOCA-TIP122 Datasheet
28Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results

Similar Description - TIP122

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
SISH10 SS-SISH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
BC107B SS-BC107B Datasheet
1Mb / 4P
NPN Transistor Bare Die
2N5551 SS-2N5551 Datasheet
1Mb / 4P
NPN Transistor Bare Die
Rev 1.1 22/12/21
TIP42C SS-TIP42C Datasheet
280Kb / 2P
NPN Transistor Bare Die
Rev 1.0 02/09/17
2N6045 SS-2N6045 Datasheet
3Mb / 4P
NPN Transistor Bare Die
Rev 1.0 12/07/23
2N3055 SS-2N3055 Datasheet
230Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122_V01 Datasheet
210Kb / 2P
NPN Transistor Bare Die
Rev 1.0 19/12/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com