Electronic Components Datasheet Search
  English  ▼

X  

TIP127 Datasheet(PDF) 1 Page - Silicon Supplies

Part # TIP127
Description  PNP Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TIP127 Datasheet(HTML) 1 Page - Silicon Supplies

  TIP127 Datasheet HTML 1Page - Silicon Supplies TIP127 Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev 1.0
19/12/23
Bipolar Darlington Power Transistor in bare die form
Complement to NPN TIP122
PNP Transistor Bare Die – TIP127
Features:
Die Dimensions in µm (mils)
2280 (90)
Collector current up to 5A
Low VCE(sat)
Very high hFE
Solderable back metal
High Reliability tested grades for Military + Space
BASE
EMITTER
Ordering Information:
The following part suffixes apply:
No suffix - Commercial grade die
“H” – Hi-rel grade die + MIL-STD-38534 Class H LAT
“K” – Hi-rel grade die + MIL-STD-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
DIE BACK = COLLECTOR
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
Die Size
(Excluding Saw Street)
2280 x 2280
89.76 x 89.76
µm
mils
Emitter Pad Size
680 x 680
26.77 x 30.95
µm
mils
Base Pad Size
446 x 606
17.56 x 25.71
µm
mils
Die Thickness
260 (±25)
10.2 (±1)
µm
mils
Top Metal Composition
Al
Back Metal Composition
Ti/Ni/Ag
Page 1 of 2
www.siliconsupplies.com


Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP127 MOTOROLA-TIP127 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results

Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
PNP Transistor Bare Die
BTP981 SS-BTP981 Datasheet
934Kb / 4P
PNP Transistor Bare Die
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
PNP Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
PNP Transistor Bare Die
TIP42C SS-TIP42C_V01 Datasheet
315Kb / 2P
PNP Transistor Bare Die
Rev 1.1 22/08/23
SIS953 SS-SIS953 Datasheet
307Kb / 2P
PNP Transistor Bare Die
Rev 1.1 13/10/23
TIP32C SS-TIP32C Datasheet
217Kb / 2P
PNP Transistor Bare Die
Rev 1.0 22/08/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com