Electronic Components Datasheet Search
  English  ▼

X  

ADP7112 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 15Page - Analog Devices ADP7112 Datasheet HTML 16Page - Analog Devices ADP7112 Datasheet HTML 17Page - Analog Devices ADP7112 Datasheet HTML 18Page - Analog Devices ADP7112 Datasheet HTML 19Page - Analog Devices ADP7112 Datasheet HTML 20Page - Analog Devices ADP7112 Datasheet HTML 21Page - Analog Devices ADP7112 Datasheet HTML 22Page - Analog Devices ADP7112 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
19 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 46. PSRR vs. Frequency (COUT Steps)
Figure 47. PSRR vs. Frequency (IL Steps)
Figure 48. PSRR vs. Frequency (VIN – VOUT Steps)
Figure 49. PSRR vs. Input-to-Output Differential
Figure 50. PSRR as a Function of an Error Amplifier Input
Pair vs. Frequency
Figure 51. Integrated RMS Output Noise (10Hz to 100kHz)
vs. Load Current
VIN = 5V
VOUT = 3.3V
CSET = 4.7µF
IL = 200mA
COUT = 4.7µF
COUT = 10µF
COUT = 22µF
COUT = 4.7µF//4.7µF
COUT = 10µF//10µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
VIN = 5V
VOUT = 3.3V
COUT = 4.7µF
CSET = 4.7µF
IL = 200mA
IL = 100mA
IL = 20mA
IL = 1mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
VOUT = 3.3V
COUT = 4.7µF
CSET = 4.7µF
IL = 200mA
VIN – VOUT = 5V
VIN – VOUT = 3.9V
VIN – VOUT = 2.8V
VIN – VOUT = 2V
VIN – VOUT = 1V
VIN – VOUT = 0.6V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
VOUT = 3.3V
COUT = 4.7µF
CSET = 4.7µF
IL = 200mA
100kHz
500kHz
1MHz
2MHz
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
VIN = VOUT + 2V
COUT = 4.7µF
CSET = 4.7µF
IL = 200mA
VOUT = 1.3V
VOUT = 0.6V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
VIN = 5V
VOUT = 3.3V
CSET = 4.7µF
COUT = 4.7µF
LOAD CURRENT (mA)
0
20
40
60
80
100
120
140
160
180
200
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com