Electronic Components Datasheet Search
  English  ▼

X  

AP10 Datasheet(PDF) 2 Page - Vaisala

Part # AP10
Description  AP10 VaiNet Wireless Access Point
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

AP10 Datasheet(HTML) 2 Page - Vaisala

  AP10 Datasheet HTML 1Page - Vaisala AP10 Datasheet HTML 2Page - Vaisala AP10 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Wireless
Networking standards
Vaisala VaiNet
Wireless connection capacity
Up to 32 supported devices
Modulation
Chirp spread spectrum modulation
Output power
13 dBm (20 mW)
Antenna
Non-removable external antenna
Typical range (indoors)
At least 100 m (approx. 330 ft)
Maximum number of access points in an area
Standard system
8
Large system 1)
32
Frequency bands
Model AP10C
500 MHz
Model AP10E
868 MHz
Model AP10A
915 MHz
Model AP10J
920 MHz
Model AP10T
922 MHz
1)
Subject to additional installation requirements. See Guidelines for Large VaiNet Systems (M212596EN).
General
Compatible viewLinc versions
5.0 and above
Supported wireless devices
RFL100 data logger
User interfaces
Web browser interface
Touchscreen interface
User interface languages
English, German, French, Portuguese,
Spanish, Swedish, Chinese, Japanese
Internal clock
Synchronizes with Network Time
Protocol (NTP) server. NTP server
connection required for operation.
Inputs and outputs
Supply voltage using dedicated power
supply connector
10–30 V DC
PoE power class
Class 0
Power consumption
Max. 13 W
Ethernet interface
Supported standards
10BASE-T, 100BASE-TX
IPv4 address assignment
DHCP (automatic), static
Connectors
Power supply connector
2.0 mm center pin locking type
DC power jack
Service port
Micro-USB (2.0)
Expansion port
USB type A (2.0)
Ethernet
8P8C (RJ-45)
Operating environment
Operating environment
Indoor use
IP rating
IP30
Operating temperature
−20 … +60 °C (−4 … +140 °F)
Operating humidity
0–90 %RH, non-condensing
Storage temperature
−20 … +60 °C (−4 … +140 °F)
Compliance
Electromagnetic compatibility (EMC)
IEC/EN 61326‑1, industrial
environment
Electrical safety
IEC/EN 61010‑1
AP10E model
EU directives and regulations
RoHS Directive (2011/65/EU)
amended by 2015/863
Radio Equipment Directive, RED
(2014/53/EU)
Radio standards and approvals
ETSI EN 300 220-2
ETSI EN 301 489-1
ICASA No: TA 2020-7918
IMDA No: DB105576
TRA No: ER67585/18
Serbia: И005 21
Compliance marks
AAA, CE, ICASA, UKCA
AP10A model
Radio standards and approvals
Anatel ID: 04763-19-12322
AS/NZS 4268
FCC ID: 2AO39-AP10A
IC ID: 23830-AP10A
NOM ID: 1901C00393
Compliance marks
ANATEL, NOM, NYCE, RCM
AP10J model
Radio standards and approvals
MIC ID: 012-200006
Compliance marks
GITEKI
AP10C model
Radio standards and approvals
China MIIT 工业和信息化部公告
2019 年第 52号
Compliance marks
China RoHS
AP10T model
Radio standards and approvals
NCC ID: CCAP21LP1250T6
Compliance marks
NCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com