Electronic Components Datasheet Search
  English  ▼

X  

HM40 Datasheet(PDF) 2 Page - Vaisala

Part # HM40
Description  HUMICAPâ Handheld Humidity and Temperature Meter Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HM40 Datasheet(HTML) 2 Page - Vaisala

  HM40 Datasheet HTML 1Page - Vaisala HM40 Datasheet HTML 2Page - Vaisala HM40 Datasheet HTML 3Page - Vaisala HM40 Datasheet HTML 4Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HM40 Hand-Held Humidity and Temperature Meter
Series
HM41 Technical Data
Humidity Measurement Accuracy (Including Non-linearity, Hysteresis, and
Repeatability):
At 0 … +40 °C
At -10 … 0 °C and +40 … +60 °C
±1.5 %RH (0 … 90 %RH)
±2.5 %RH (90 … 100 %RH)
±3.0 %RH (0 … 90 %RH)
±4.0 %RH (90 … 100 %RH)
Humidity sensor
HUMICAPâ 180R
Temperature measurement range
-10 … +60 °C (+14 … +140 °F)
Temperature sensor
Pt1000 RTD Class F0.1 IEC 60751
Measurement probe
Interchangeable HMP113 probe
Probe material
PC/ABS plastic blend (white)
IP rating
IP54
Weight (with alkaline batteries)
230 g (8.1 oz)
Filter material
PC (glass-reinforced)
HM42 Technical Data
Humidity Measurement Accuracy (including Non-linearity, Hysteresis, and
Repeatability):
At 0 … +40 °C
At -40 … 0 °C and +40 … +80 °C
At +80 … +100 °C
±1.5 %RH (0 … 90 %RH)
±2.5 %RH (90 … 100 %RH)
±3.0 %RH (0 … 90 %RH)
±4.0 %RH (90 … 100 %RH)
±4.0 %RH1)
Humidity sensor
HUMICAPâ 100R-Mini
Temperature measurement range
-40 … +100 °C (-40 … +212 °F)
Temperature sensor
Pt1000 RTD Class F0.3 IEC60751
Measurement probe
HM42PROBE
Probe head material
Stainless steel
IP rating
IP40 (probe), IP54 (indicator)
Weight (with alkaline batteries)
370 g (13.1 oz)
Filter material
Stainless steel and PTFE membrane
Probe cable length
1500 mm (59 in)
1)
Not recommended for Td > 85 °C
232.5
155
77.5
24.5
Dimensions in mm
155
13.5
235
366
Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com