Electronic Components Datasheet Search
  English  ▼

X  

HM70 Datasheet(PDF) 2 Page - Vaisala

Part # HM70
Description  Handheld Humidity and Temperature Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HM70 Datasheet(HTML) 2 Page - Vaisala

  HM70 Datasheet HTML 1Page - Vaisala HM70 Datasheet HTML 2Page - Vaisala HM70 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
HMP75, HMP76, and HMP77 measurement
performance
Relative humidity
Measurement range
0 … 100 %RH
Accuracy: 1) 2)
At +15 … +25 °C (+59 … +77 °F)
±1 %RH (0 … 90 %RH)
±1.7 %RH (90 … 100 %RH)
At −20 … +40 °C (−4 … +104 °F)
±(1.0 + 0.008 x reading) %RH
At −40 … +180 °C (−40 … +356 °F)
±(1.5 + 0.015 x reading) %RH
Factory calibration uncertainty
(+20 °C / +68 °F)
±0.6 %RH (0 … 40 %RH)
±1.0 %RH (40 … 97 %RH)
Response time (90%) at +20 °C (+68 °F) in still air:
HMP75 (with standard plastic grid)
17 s
HMP76 (with standard sintered bronze
filter)
60 s
HMP77 (with standard plastic grid and
stainless steel netting)
50 s
Typical long-term stability
Better than 1 %RH / year
Temperature
HMP75 measurement range
−20 … +60 °C (−4 … +140 °F)
HMP76 measurement range
−50 … +120 °C (−58 … +248 °F)
HMP76 short time measurement range −50 … +180 °C (−58 … +356 °F)
HMP77 measurement range
−70 … +180 °C (−94 … +356 °F)
Accuracy at +20 °C (+68 °F)
±0.2 °C (±0.36 °F), see the graph
below
Output parameters
Dew point, frost point, absolute humidity, mixing ratio, wet bulb temperature,
water content, vapor pressure, saturation vapor pressure, enthalpy, water
activity
1)
Including non-linearity, hysteresis, and repeatability.
2) Defined as ±2 standard deviation limits.
°C
°C
0
0
-80
-60
-40
-20
20
40
60
80
100
120
140
160
180
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Temperature measurement accuracy over temperature
range
HMP75, HMP76, and HMP77 general
specifications
Humidity sensor
HUMICAPâ 180R
HUMICAPâ 180RC (chemical purge,
sensor preheat)
Temperature sensor
Pt100 RTD Class F0.1 IEC 60751
Operating temperature range for
electronics
−40 … +60 °C (−40 … +140 °F)
Standard sensor protection
HMP75
Plastic grid
HMP76
Sintered bronze filter
HMP77
Grid with SS netting
HMP75, HMP76, and HMP77 mechanical
specifications
IP rating
IP65 (NEMA 4)
Housing material
ABS/PC blend
Probe material
Stainless steel (AIS316L)
Probe cable length (between indicator
and probe handle)
1.9 m (6.2 ft)
Probe cable length of HMP77 (from
handle to the root of probe)
5.0 m (16 ft)
Probe diameter
12 mm (0.47 in)
Weight
HMP75
250 g (8.8 oz)
HMP76
350 g (12 oz)
HMP77
500 g (18 oz)
MI70 measurement indicator
Operating environment
Operating temperature
−10 ... +40 °C (+14 … +104 °F)
Operating humidity
0 ... 100 %RH, non-condensing
Storage temperature
−40 ... +70 °C (-40 ... +158 °F)
Inputs and outputs
Max. no of probes
2
PC interface
MI70 Link software with USB or serial
port cable
Analog output
0 ... 1 VDC
Power supply
Rechargeable NiMH battery pack with AC
adapter or 4 × AA size alkalines,
type IEC LR6
Output resolution
0.6 mV
Accuracy
0.2 % full scale
Temperature dependence
0.002 %/˚C (0.01 %/˚F) full scale
Minimum load resistor
10 kΩ to ground
Mechanical specifications
Housing classification
IP54
Housing materials
ABS/PC blend
Weight
400 g (14 oz)
Compatibility
EMC compliance
EN 61326-1, portable equipment
Other
Menu languages
English, Chinese, Spanish, Russian,
French, Japanese, German, Swedish,
Finnish
Display
• LCD with backlight
• Graphic trend display of any
parameter
• Character height up to 16 mm (0.63 in)
Alarm
Audible alarm function
Data logging capacity
2700 real time data points
Logging interval
1 s to 12 h
Logging duration
1 min ... memory full
Resolution
0.01 %RH, 0.01 °C/°F, 0.01 hPa, 0.01 aw,
10 ppm / 0.01 %CO2
MI70 battery operation time
Typical charging time
4 hours
Operation times
Continuous use
48 h typical at +20 ˚C (+68 °F)
Data logging use
Up to a month



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com