Electronic Components Datasheet Search
  English  ▼

X  

HMP1 Datasheet(PDF) 2 Page - Vaisala

Part # HMP1
Description  Wall-Mounted Humidity and Temperature Probe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP1 Datasheet(HTML) 2 Page - Vaisala

  HMP1 Datasheet HTML 1Page - Vaisala HMP1 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Measurement performance
Relative humidity
Measurement range
0 … 100 %RH
Accuracy at +23 °C (+73.4 °F) 1) 2)
±1.0 %RH (0 … 90 %RH)
Factory calibration uncertainty 3)
±0.7 %RH (0 … 40 %RH)
±1 %RH (40 … 95 %RH)
Sensor
HUMICAPâ I
Temperature
Measurement range
−40 … +60 °C (−40 … +140 °F)
Accuracy at +23 °C (+73.4 °F) 1) 2)
±0.2 °C (±0.36 °F)
Factory calibration uncertainty 3)
±0.1 °C (±0.18 °F) at +23 °C (+73.4 °F)
1)
Defined against calibration reference. Including non-linearity, hysteresis, and repeatability.
2) In typical room conditions.
3) Defined as ±2 standard deviation limits. Small variations possible; see calibration certificate.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
3.5
4.0
90 ...
100
%RH
0 ... 90 %RH
HMP1 humidity measurement accuracy as a function of
temperature
0
0.1
0.2
0.3
0.4
Temperature [°C]
0.5
HMP1 temperature measurement accuracy over full range
Operating environment
Operating temperature
−40 … +60 °C (−40 … +140 °F)
Storage temperature
−40 … +60 °C (−40 … +140 °F)
Measurement environment
For air, nitrogen, hydrogen, argon,
helium, and oxygen 1)
IP rating
IP50
1)
Consult Vaisala if other chemicals are present. Consider safety regulations with flammable gases.
Inputs and outputs
Operating voltage
15 … 30 V DC
Current consumption
2 mA typical, 200 mA max.
Digital output
RS-485, non-isolated
Protocol
Modbus RTU
Output parameters
Absolute humidity (g/m3)
Relative humidity (%RH)
Absolute humidity at NTP (g/m3)
Relative humidity (dew/frost) (%RH)
Dew point temperature (°C)
Temperature (°C)
Dew/frost point temperature (°C)
Water concentration (ppmv)
Dew/frost point temperature at 1 atm
(°C)
Water concentration (wet basis)
(vol‑%)
Dew point temperature at 1 atm (°C)
Water mass fraction (ppmw)
Dew point temperature difference (°C) Water vapor pressure (hPa)
Enthalpy (kJ/kg)
Water vapor saturation pressure
(hPa)
Mixing ratio (g/kg)
Wet-bulb temperature (°C)
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
EMC compatibility
EN 61326‑1, industrial environment
Compliance marks
CE, China RoHS, RCM
Mechanical specifications
Connector
M12 5-pin A-coded male
Weight
38 g (1.34 oz)
Materials
Probe
AISI 316L
Probe body
PBT
Probe body 112 [4.41]
162 [6.38]
M12/5
16
[0.63]
Probe head 50 [1.97]
mm
[in]
HMP1 probe dimensions
52 [2.05]
Ø 5.9 [0.23]
4 mm hex
38 [1.50]
mm
[in]
25 [0.98]
Probe holder ASM213582 dimensions
Accessories
Indigo USB adapter 1)
USB2
1)
Vaisala Insight software for Windows available at www.vaisala.com/insight.
Published by Vaisala | B211827EN-C © Vaisala 2022
www.vaisala.com
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com