Electronic Components Datasheet Search
  English  ▼

X  

HMP110 Datasheet(PDF) 2 Page - Vaisala

Part # HMP110
Description  Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP110 Datasheet(HTML) 2 Page - Vaisala

  HMP110 Datasheet HTML 1Page - Vaisala HMP110 Datasheet HTML 2Page - Vaisala HMP110 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Models
Model
Output
Special features
HMP110
RH+T
–
HMP110T
T
–
HMP110R
RH+T
Replacement probe for HMP110
HMP110REF
−
Fixed output probe for validation of
HMT120 and HMT130 transmitters
Measurement performance
Relative humidity
Measurement range
0–100 %RH
Accuracy: 1)
at 0 … +40 °C (+32 … +104 °F)
±1.5 %RH (0–90 %RH)
±2.5 %RH (90–100 %RH)
at −40 … 0 °C (−40 … +32 °F) and
+40 … +80 °C (+104 … +176 °F)
±3.0 %RH (0–90 %RH)
±4.0 %RH (90–100 %RH)
Factory calibration uncertainty
at +20 °C (+68 °F)
±1.1 %RH (0–90 %RH)
±1.8 %RH (90–100 %RH)
Humidity sensor types
HUMICAPâ 180R
Stability
±2 %RH over 2 years
Temperature
Measurement range
−40 … +80 °C (−40 … +176 °F)
Accuracy (probes with analog output):
at 0 … +40 °C (+32 … +104 °F)
±0.2 °C (±0.36 °F)
at −40 … 0 °C (−40 … +32 °F) and
+40 … +80 °C (+104 … +176 °F)
±0.4 °C (±0.72 °F)
Accuracy (probes with digital output):
at +15 … +25 °C (+59 … +77 °F)
±0.1 °C (±0.18 °F)
at 0 … +15 °C (+ 32 … +59 °F) and
+25 … +40 °C (+77 … +104 °F)
±0.15 °C (±0.27 °F)
at −40 … 0 °C (−40 … +32 °F) and
+40 … +80 °C (+104 … +176 °F)
±0.4 °C (±0.72 °F)
Temperature sensor
Pt1000 RTD Class F0.1 IEC 60751
Analog outputs
Accuracy at +20 °C (+68 °F)
±0.2 % of FS
Temperature dependence
±0.01 % of FS/°C (±0.006 % of FS/°F)
1)
Including non-linearity, hysteresis, and repeatability.
Operating environment
Operating temperature
−40 … +80 °C (−40 … +176 °F)
IP rating 1)
IP65
1)
Not applicable with the plastic grid filter.
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
Electromagnetic compatibility (EMC)
EN 61326‑1, industrial environment
Compliance marks
CE, RCM, UKCA
Inputs and outputs
Power consumption
1 mA average, max. peak 5 mA
Operating voltage 1)
With 1 V / 2.5 V output
5–28 V DC
With 5 V output
8–28 V DC
With loop power converter
8–28 V DC
With digital output
5–28 V DC
Start‑up time
HMP110 probes with analog output
4 s at operating voltage 13.5–
16.5 V DC
2 s at other valid operating voltages
HMP110 probes with digital output
1 s
Outputs
2 channels
0–1 V DC / 0–2.5 V DC / 0–5 V DC / 1–
5 V DC
1‑channel loop-power converter
(separate module, compatible with
humidity accuracy only)
4–20 mA
Digital output (HMP110 probes with
digital output)
RS‑485 2‑wire half duplex, supports
Modbus RTU
External loads
0–1 V
RL min. 10 kΩ
0–2.5 V /0–5 V
RL min. 50 kΩ
Output parameters
Relative humidity, temperature, dew point temperature, wet bulb temperature,
absolute humidity, mixing ratio, enthalpy
1)
Use lowest available operating voltage to minimize heating.
Mechanical specifications
Body thread
MI2×1 / 10 mm (0.4 in)
Cable connector
M8 4‑pin female (IEC 60947‑5‑2)
Materials
Body
Stainless steel (AISI 316)
Grid filter
Chrome coated ABS plastic
Cable
Polyurethane or FEP
Weight
Probe
17 g (0.6 oz)
Probe with 0.3 m (1 ft) cable
28 g (1 oz)
71 [2.8]
mm
[in]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com