Electronic Components Datasheet Search
  English  ▼

X  

HMP3 Datasheet(PDF) 1 Page - Vaisala

Part # HMP3
Description  General Purpose Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP3 Datasheet(HTML) 1 Page - Vaisala

  HMP3 Datasheet HTML 1Page - Vaisala HMP3 Datasheet HTML 2Page - Vaisala HMP3 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMP3 General Purpose Humidity and
Temperature Probe
Features
• Available with field-replaceable
HUMICAPâ R2 sensor
• RH accuracy up to 0.8 %RH
• Temperature accuracy up to 0.1 °C
(0.18 °F)
• Temperature measurement range
−40 … +120 °C (−40 … +248 °F)
• Sensor purge improves long-term
stability and chemical resistance
• Modbusâ RTU over RS-485
• Compatible with Vaisala Indigo
products and Insight PC software
Vaisala HUMICAPâ Humidity and Temperature Probe HMP3 is a general-purpose
probe designed for various industrial processes. The probe structure allows for
replacing the sensor without tools, making the probe suitable for applications such as
paint booths and other industrial applications where periodic recalibration alone is not
sufficient for maintaining the probe performance. Other applications include, for
example, industrial HVAC systems, cleanrooms, and environmental chambers.
Designed for field
maintenance
Probe design allows for several operating
environments and flexible field
maintenance. Filter and HUMICAPâ R2
sensor element are field replaceable for
applications that require frequent
replacements. Calibration and
adjustment of humidity measurement is
also needed if the HUMICAPâ R2 sensor
is replaced. The following filter types are
recommended for HMP3:
• Stainless steel mesh filter (12 µm mesh
size) for typical applications such as air
handling units
• Sintered stainless steel filter for
applications where maximal protection
from dust ingress is essential
• PPS plastic grid filter for best humidity
response time
Sensor purge available with
composite sensors
If purchased with a composite sensor
instead of the field-replaceable
HUMICAPâ R2 sensor, HMP3 can use the
sensor purge feature. In environments
with high concentrations of chemicals
and cleaning agents, sensor purge helps
to maintain measurement accuracy
between calibration intervals.
Sensor purge involves heating the sensor
to remove harmful chemicals. The
function can be initiated manually or
programmed to occur at set intervals.
Flexible connectivity
The probe can be used as a standalone
digital Modbus RTU transmitter over an
RS-485 serial bus, and it can also be
connected to Indigo transmitters and the
Indigo80 handheld indicator. For easy-
to-use access to field calibration, device
analytics, and configuration functionality,
the probe can be connected to Vaisala
Insight software for Windowsâ. For more
information, see www.vaisala.com/
insight.
Vaisala Indigo product family
Indigo transmitters extend the
capabilities of Indigo-compatible
measurement probes. The transmitters
can display measurements on the spot as
well as transmit them to automation
systems through analog signals, digital
outputs, and relays. Cable length
between probe and transmitter can be
extended to up to 30 meters.
The Indigo80 handheld indicator is ideal
for spot-checking and process
monitoring, as well as for configuring,
troubleshooting, calibrating, and
adjusting the probe. For more
information, see www.vaisala.com/
indigo.


Similar Part No. - HMP3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP31GF7EMR4C-S5 HYNIX-HMP31GF7EMR4C-S5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GF7EMR4C-S6D5 HYNIX-HMP31GF7EMR4C-S6D5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GF7EMR4C-Y5 HYNIX-HMP31GF7EMR4C-Y5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-S5 HYNIX-HMP31GP7AFR4C-S5 Datasheet
199Kb / 18P
240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HMP31GP7AFR4C-S6 HYNIX-HMP31GP7AFR4C-S6 Datasheet
199Kb / 18P
240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
More results

Similar Description - HMP3

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
HMP155 VAISALA-HMP155 Datasheet
369Kb / 2P
HUMICAPâ Humidity and Temperature Probe HMP155
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com