Electronic Components Datasheet Search
  English  ▼

X  

HMP5 Datasheet(PDF) 2 Page - Vaisala

Part # HMP5
Description  Relative Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP5 Datasheet(HTML) 2 Page - Vaisala

  HMP5 Datasheet HTML 1Page - Vaisala HMP5 Datasheet HTML 2Page - Vaisala HMP5 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Measurement performance
Relative humidity
Measurement range
0 … 100 %RH
Accuracy at +23 °C (+73.4 °F) 1)
±0.8 %RH (0 … 90 %RH)
Factory calibration uncertainty 2)
±0.5 %RH (0 … 40 %RH)
±0.8 %RH (40 … 95 %RH)
T63 response time
15 s
Sensor options
HUMICAPâ R2
HUMICAPâ R2C 3)
Temperature
Measurement range
−70 … +180 °C (−94 … +356 °F)
Accuracy at +23 °C (+73.4 °F) 1)
±0.1 °C (±0.18 °F)
Factory calibration uncertainty 2)
±0.1 °C (±0.18 °F) at +23 °C (+73.4 °F)
Sensor
Pt100 RTD Class F0.1 IEC 60751
1)
Defined against calibration reference. Including non-linearity, hysteresis, and repeatability.
2) Defined as ±2 standard deviation limits. Small variations possible; see calibration certificate.
3) Sensor purge feature available with this sensor.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
3.5
4.0
90
...
100
%RH
0 ... 90 %RH
HMP5 humidity measurement accuracy as a function of
temperature
0
0.1
0.2
0.3
0.4
Temperature [°C]
0.5
HMP5 temperature measurement accuracy over full
range
Operating environment
Operating temperature of probe body
−40 … +80 °C (−40 … +176 °F)
Operating temperature of probe head
−70 … +180 °C (−94 … +356 °F)
Operating environment
Suitable for outdoor use
IP rating of probe body
IP66
Inputs and outputs
Operating voltage
15 … 30 V DC
Current consumption
10 mA typical, 500 mA max.
Digital output
RS-485, non-isolated
Protocols
Modbus RTU
Output parameters
Absolute humidity (g/m3)
Relative humidity (%RH)
Absolute humidity at NTP (g/m3)
Relative humidity (dew/frost) (%RH)
Dew point temperature (°C)
Temperature (°C)
Dew/frost point temperature (°C)
Water concentration (ppmv)
Dew/frost point temperature at 1 atm
(°C)
Water concentration (wet basis)
(vol‑%)
Dew point temperature at 1 atm (°C)
Water mass fraction (ppmw)
Dew point temperature difference (°C) Water vapor pressure (hPa)
Enthalpy (kJ/kg)
Water vapor saturation pressure
(hPa)
Mixing ratio (g/kg)
Wet-bulb temperature (°C)
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
EMC compatibility
EN 61326‑1, industrial environment
Type approvals
DNV GL certificate no. TAA00002YT
Compliance marks
CE, China RoHS, RCM
Mechanical specifications
Connector
M12 5-pin A-coded male
Weight
436 g (15.37 oz)
Probe cable length
2 m (6.56 ft) or 10 m (32.8 ft)
Materials
Probe
AISI 316L
Probe body
AISI 316L
Cable jacket
FEP
Accessories
Mounting flange
210696
Indigo USB adapter 1)
USB2
1)
Vaisala Insight software for Windows available at www.vaisala.com/insight.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com