Electronic Components Datasheet Search
  English  ▼

X  

HMP63 Datasheet(PDF) 1 Page - Vaisala

Part # HMP63
Description  Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP63 Datasheet(HTML) 1 Page - Vaisala

  HMP63 Datasheet HTML 1Page - Vaisala HMP63 Datasheet HTML 2Page - Vaisala HMP63 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMP63 Humidity and Temperature
Probe
Features
• Fast thermal response time
• Low power consumption
• Start-up time < 2 s
• Measurement range: 0–100 %RH;
−40 ... +60 °C (−40 ... +140 °F)
• Cable detachable with standard
M8 connector
• IP54-rated plastic housing
• Interchangeable Vaisala
INTERCAPâ humidity sensor
• Compatible with Vaisala Insight
PC software and Vaisala Indigo80
Handheld Indicator
• Optional RS-485 digital output
supports Modbusâ RTU
• Optional dew point, wet bulb
temperature, absolute humidity,
mixing ratio, and enthalpy output
• Temperature-only model HMP63T
with digital output also available
Vaisala INTERCAPâ Humidity and Temperature Probe HMP63 is a cost-effective
humidity probe with a plastic housing. It is designed for non-condensing indoor
environments or integration into other manufacturers’ equipment.
Easy installation
The probe fits into tight spaces. The
cable has a threaded M8 connector for
easy installation. Different cable lengths
are available and other compatible M8-
series cables can also be used.
Accessories are available for different
installation needs.
Low power consumption
HMP63 is suitable for battery-powered
applications thanks to its very low power
consumption and fast start-up time.
Several output options
Temperature measurement is a standard
feature in HMP63, with dew point
temperature, wet bulb temperature,
absolute humidity, mixing ratio, and
enthalpy as optional calculated
parameters. Four voltage output ranges
are available. An alternative RS-485
output with Modbus support is also
available.
Output type, channel assignment of
measurement parameters, and other
probe features are configured when the
probe is ordered.
Flexible connectivity
In addition to analog and digital
(Modbus) output options, the probe can
also be used with Vaisala Indigo80
Handheld Indicator. For easy-to-use
access to configuration and device
analytics functionalities, the probe can
be connected to Vaisala Insight PC
software for Windowsâ. For more
information, see www.vaisala.com/
indigo80 and www.vaisala.com/insight.
Fast thermal response time
HMP63 has a PC/ABS plastic enclosure. It
is ideal for environments with fast
temperature changes where standard
measurement accuracy is sufficient.
No recalibration required
HMP63 includes an interchangeable
Vaisala INTERCAPâ humidity sensor. No
recalibration is required – the humidity
sensor can simply be replaced, even in
the field.


Similar Part No. - HMP63

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
logo
Campbell Scientific Uni...
HMP60 CAMPBELL-HMP60 Datasheet
336Kb / 2P
Temperature and Relative Humidity Probe
04/04/2023
More results

Similar Description - HMP63

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
Humidity and Temperature Probe
HMP3 VAISALA-HMP3 Datasheet
597Kb / 3P
General Purpose Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
HMP155 VAISALA-HMP155 Datasheet
369Kb / 2P
HUMICAPâ Humidity and Temperature Probe HMP155
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com